データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF720B データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 IRF720B
部品情報  400V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF720B データシート(HTML) 4 Page - Fairchild Semiconductor

  IRF720B Datasheet HTML 1Page - Fairchild Semiconductor IRF720B Datasheet HTML 2Page - Fairchild Semiconductor IRF720B Datasheet HTML 3Page - Fairchild Semiconductor IRF720B Datasheet HTML 4Page - Fairchild Semiconductor IRF720B Datasheet HTML 5Page - Fairchild Semiconductor IRF720B Datasheet HTML 6Page - Fairchild Semiconductor IRF720B Datasheet HTML 7Page - Fairchild Semiconductor IRF720B Datasheet HTML 8Page - Fairchild Semiconductor IRF720B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, November 2001
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
100 ms
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D = 1.65 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS = 0 V
2. I
D = 250
μ A
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9-1. Maximum Safe Operating Area
for IRF720B
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9-2. Maximum Safe Operating Area
for IRFS720B


同様の部品番号 - IRF720B

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
IRF720 SAMSUNG-IRF720 Datasheet
273Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF720 FAIRCHILD-IRF720 Datasheet
164Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 350-400 V
logo
Intersil Corporation
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF720 IRF-IRF720 Datasheet
554Kb / 8P
   TRANSISTORS N-CHANNEL
logo
Vishay Siliconix
IRF720 VISHAY-IRF720 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 16-Jun-08
More results

同様の説明 - IRF720B

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com