データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU32TD3WG-TR データシート(PDF) 3 Page - Rohm

部品番号 BU32TD3WG-TR
部品情報  Versatile Package FULL CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU32TD3WG-TR データシート(HTML) 3 Page - Rohm

  BU32TD3WG-TR Datasheet HTML 1Page - Rohm BU32TD3WG-TR Datasheet HTML 2Page - Rohm BU32TD3WG-TR Datasheet HTML 3Page - Rohm BU32TD3WG-TR Datasheet HTML 4Page - Rohm BU32TD3WG-TR Datasheet HTML 5Page - Rohm BU32TD3WG-TR Datasheet HTML 6Page - Rohm BU32TD3WG-TR Datasheet HTML 7Page - Rohm BU32TD3WG-TR Datasheet HTML 8Page - Rohm BU32TD3WG-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300030-1-2
TSZ22111・15・001
3/10
30.JUL.2013.Rev.002
BUxxTD3WG series
Datasheet
●Lineup
●Absolute Maximum Ratings (Ta=25°C)
PARAMETER
Symbol
Limit
Unit
Power Supply Voltage
VMAX
-0.3 ~ +6.5
V
Power Dissipation
Pd
540(*1)
mW
Maximum junction temperature
TjMAX
+125
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-55 ~ +125
(*1)Pd deleted at 5.4mW/℃ at temperatures above Ta=25℃, mounted on 70×70×1.6 mm glass-epoxy PCB.
● RECOMMENDED OPERATING RANGE (not to exceed Pd)
PARAMETER
Symbol
Limit
Unit
Power Supply Voltage
VIN
1.7~6.0
V
Maximum Output Current
IMAX
200
mA
OPERATING CONDITIONS
(*2)Make sure that the output capacitor value is not kept lower than this specified level across a variety of
temperature, DC bias, changing as time progresses characteristic.
PARAMETER
Symbol
MIN.
TYP.
MAX.
Unit
CONDITION
Input Capacitor
Cin
0.22(*2)
0.47
-
μF
Ceramic capacitor recommended
Output Capacitor
Co
0.22(*2)
0.47
-
μF
Marking
F0
L6
F1
M0
L5
F2
F3
F4
F5
Output Voltage
1.0V
1.1V
1.2V
1.25V
1.3V
1.5V
1.8V
1.85V
1.9V
Part Number
BU10
BU11
BU12
BU1C
BU13
BU15
BU18
BU1J
BU19
F6
F7
F8
F9
G0
G1
G2
G3
G4
2.0V
2.1V
2.5V
2.6V
2.7V
2.8V
2.85V
2.9V
3.0V
BU20
BU21
BU25
BU26
BU27
BU28
BU2J
BU29
BU30
G5
G6
G7
G8
3.1V
3.2V
3.3V
3.4V
BU31
BU32
BU33
BU34


同様の部品番号 - BU32TD3WG-TR

メーカー部品番号データシート部品情報
logo
Rohm
BU32TD3WG-XTR ROHM-BU32TD3WG-XTR Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BU32TD3WG-XTR ROHM-BU32TD3WG-XTR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
More results

同様の説明 - BU32TD3WG-TR

メーカー部品番号データシート部品情報
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com