データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC2K5G4 データシート(PDF) 7 Page - Texas Instruments

部品番号 DAC2K5G4
部品情報  20-Bit, Low-Power Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC2K5G4 データシート(HTML) 7 Page - Texas Instruments

Back Button DAC2K5G4 Datasheet HTML 3Page - Texas Instruments DAC2K5G4 Datasheet HTML 4Page - Texas Instruments DAC2K5G4 Datasheet HTML 5Page - Texas Instruments DAC2K5G4 Datasheet HTML 6Page - Texas Instruments DAC2K5G4 Datasheet HTML 7Page - Texas Instruments DAC2K5G4 Datasheet HTML 8Page - Texas Instruments DAC2K5G4 Datasheet HTML 9Page - Texas Instruments DAC2K5G4 Datasheet HTML 10Page - Texas Instruments DAC2K5G4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DAC1220
www.ti.com...................................................................................................................................... SBAS082G – FEBRUARY 1998 – REVISED SEPTEMBER 2009
Output
Digital Connections
The output voltage range is nominally 0V to 2 × VREF.
The digital lines, except for the crystal oscillator lines,
It does not go below ground. The output amplifier is
operate at TTL-compatible CMOS logic levels. They
not designed for heavy loads; it can drive a maximum
can be driven from 3.3V logic sources.
of 0.5mA. At power-on and during sleep mode, the
In noise-sensitive applications, it may be helpful to
amplifier is disconnected, so the output is high
keep the level transition rates on the digital lines
impedance.
slow. Fast transitions can couple through the device
The output is not fully linear to the rails; maximum
to the output, causing noise. Rate limiting can be
linearity is specified from (AGND + 20mV) to (AVDD
done with resistance or even an RC filter.
20mV). For linearity from 0–5V, AVDD can be
increased to 5.02V or more, and AGND can be
Clock Oscillator
decreased to –20mV or less. As long as the specified
The DAC1220 has a built-in crystal oscillator at pins
operating limits are observed, this will not damage
XIN and XOUT. To use it, connect a crystal and load
the device.
capacitors as shown in Figure 5.
Filter Capacitors
12pF load capacitors are shown in the schematic, but
the correct value depends mainly on the crystal and
The continuous-time output filter requires two external
layout,
and
not
on
the
oscillator
itself.
Load
capacitors to operate. The recommended values of
capacitance
affects
startup
time,
oscillation
these capacitors depend on whether the DAC1220
frequency, and reliability. If startup is unreliable, try
will be operated in 16-bit or 20-bit mode, and are
lowering
the
capacitor
values.
Remember
that
shown in Table 1.
parasitic board and pin capacitance can be a
significant portion of the crystal load capacitance.
Table 1. Filter Capacitor Values
When the crystal oscillator is operating, a sinusoidal
CAPACITOR
16-BIT MODE
20-BIT MODE
signal of relatively low amplitude will be observed at
C1
2.2nF
10nF
both the XIN and XOUT pins.
C2
0.22nF
3.3nF
The typical frequency to use with the DAC1220 is
The capacitors should be stable and high grade. Film
2.5MHz. Deviating too far from this may alter noise
types, or other capacitors designed for precision
and settling time, as well as timing characteristics.
filtering,
are
strongly
recommended.
Low-quality
capacitors will degrade performance significantly.
Connecting an External Clock
The C1 and C2 pins are very sensitive. It is critical to
An external clock signal can be connected at XIN. A
surround them with a guard ring at the reference
CMOS or TTL logic signal can be used. If an external
voltage for best noise performance. See the Layout
clock signal is used, XOUT should be left unconnected.
section for more information.
In some cases, an RC filter on the clock line may
reduce noise.
Voltage Reference
The voltage reference input is designed for +2.5V. At
this voltage, the output will range from ground to
approximately 5V, as noted above.
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC1220


同様の部品番号 - DAC2K5G4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC2KY BURR-BROWN-DAC2KY Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC2K5G4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com