データシートサーチシステム |
|
BU4224FVE-TR データシート(PDF) 4 Page - Rohm |
|
BU4224FVE-TR データシート(HTML) 4 Page - Rohm |
4 / 16 page Datasheet 4/13 BU42xx series BU43xx series TSZ02201-0R7R0G300050-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013 Rev.006 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Absolute Maximum Ratings Parameter Symbol Limit Unit Power Supply Voltage VDD -0.3 to +7 V Output Voltage Nch Open Drain Output VOUT GND-0.3 to +7 V CMOS Output GND-0.3 to VDD+0.3 Output Current Io 70 mA Power Dissipation SSOP5(SOT-23-5) *1*4 Pd 540 mW SOP4(SC-82) *2*4 400 VSOF5 *3*4 210 Operation Temperature Range Topt -40 to +125 °C Ambient Storage Temperature Tstg -55 to +125 °C *1 Reduced by 5.4mW/°C when used over 25°C. *2 Reduced by 4.0mW/°C when used over 25°C. *3 Reduced by 2.1mW/°C when used over 25°C. *4 When mounted on ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board). ● Electrical Characteristics (Unless Otherwise Specified Ta=-25 to 125°C) Parameter Symbol Condition Limit Unit Min. Typ. Max. Detection Voltage VDET VDD=H L, Ta=25°C, RL=470kΩ VDET(T) ×0.99 VDET(T) VDET(T) ×1.01 V VDET=1.8V Ta=+25°C 1.782 1.8 1.818 Ta=-40°C to 85°C 1.741 - 1.860 Ta=85°C to 125°C 1.731 - 1.870 VDET=2.5V Ta=+25°C 2.475 2.5 2.525 Ta=-40°C to 85°C 2.418 - 2.584 Ta=85°C to 125°C 2.404 - 2.597 VDET=3.0V Ta=+25°C 2.970 3.0 3.030 Ta=-40°C to 85°C 2.901 - 3.100 Ta=85°C to 125°C 2.885 - 3.117 VDET=3.3V Ta=+25°C 3.267 3.3 3.333 Ta=-40°C to 85°C 3.191 - 3.410 Ta=85°C to 125°C 3.173 - 3.428 VDET=4.2V Ta=+25°C 4.158 4.2 4.242 Ta=-40°C to 85°C 4.061 - 4.341 Ta=85°C to 125°C 4.039 - 4.364 Circuit Current when ON IDD1 VDD=VDET-0.2V VDET =0.9 to 1.3V - 0.15 0.88 µA VDET =1.4 TO 2.1V - 0.20 1.05 VDET =2.2 TO 2.7V - 0.25 1.23 VDET =2.8 to 3.3V - 0.30 1.40 VDET =3.4 to 4.2V - 0.35 1.58 VDET =4.3 to 4.8V - 0.40 1.75 Circuit Current when OFF IDD2 VDD=VDET+2.0V VDET =0.9 TO 1.3V - 0.30 1.40 µA VDET =1.4 TO 2.1V - 0.35 1.58 VDET =2.2 to 2.7V - 0.40 1.75 VDET =2.8 to 3.3V - 0.45 1.93 VDET =3.4 to 4.2V - 0.50 2.10 VDET =4.3 to 4.8V - 0.55 2.28 Operating Voltage Range VOPL VOL≤0.4V, Ta=25 to 125°C, RL=470kΩ 0.70 - - V VOL≤0.4V, Ta=-40 to 25°C, RL=470kΩ 0.90 - - ‘High’ Output Voltage (Pch) VOH VDD=4.8V, ISOURCE=1.7 mA,VDET=0.9V to 3.9V VDD-0.5 - - V VDD=6.0V, ISOURCE=2.0 mA,VDET=4.0V to 4.8V VDD-0.5 - - V ‘Low’ Output Voltage (Nch) VOL VDD=0.85V, ISINK = 20 µA - - 0.05 V VDD=1.5V, ISINK = 1 mA, VDET=1.7 to 4.8V - - 0.5 V VDD=2.4V, ISINK = 3.6 mA, VDET=2.7 to 4.8V - - 0.5 *1: Design Guarantee. (Outgoing inspection is not done on all products.) VDET(T) : Standard Detection Voltage (0.9V to 4.8V, 0.1V step) RL: Pull-up resistor to be connected between VOUT and power supply. |
同様の部品番号 - BU4224FVE-TR |
|
同様の説明 - BU4224FVE-TR |