データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93026-36 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 93026-36
部品情報  DSCC 93026 SuperTan® Wet Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

93026-36 データシート(HTML) 1 Page - Vishay Siliconix

  93026-36 Datasheet HTML 1Page - Vishay Siliconix 93026-36 Datasheet HTML 2Page - Vishay Siliconix 93026-36 Datasheet HTML 3Page - Vishay Siliconix 93026-36 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DSCC 93026
www.vishay.com
Vishay
Revision: 01-Feb-12
1
Document Number: 40136
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DSCC 93026 SuperTan® Wet Tantalum Capacitors
Vishay’s DSCC 93026 capacitor represents a major
breakthrough in wet tantalum technology. Its unique
cathode system provides the highest capacitance per unit
volume. The design facilitates a doubling of capacitance,
lower ESR and higher ripple current rating compared
with conventional wet tantalum products. Moreover, the
DSCC 93026 has the capacitance stability of a solid
tantalum capacitor and there are no circuit impedance
restrictions.
The DSCC 93026 is housed in an all tantalum, hermetically
sealed case and is manufactured to withstand hazardous
environments. The DSCC 93026 is used widely in the
defense and aerospace industries and whenever there is a
space problem.
FEATURES
• Terminations: Standard tin/lead (Sn/Pb)
• Very high capacitance
• 10 μF to 1800 μF
•25 VDC to 125 VDC
• - 55 °C to + 125 °C
• Very low ESR
• High ripple current
• All tantalum case
• Hermetically sealed
•Low DCL
• Mounting: Axial
APPLICATION NOTES
a) No continuous reverse voltage permissible.
b) The peak of the applied AC ripple and the applied DC
voltage must not exceed the DC voltage rating of the
capacitor.
c) Ripple current ratings by part number at 85 °C and 40 kHz
are included in the table. Ripple current correction factors
for other temperatures and frequencies are given on the
next page.
d) Transient reverse voltage surges are acceptable under
the following conditions:
The peak reverse voltage does not exceed 1.5 V and the
peak current times the duration of the reverse transient
does not exceed 0.05 As. In addition, the repetition
frequency of the reverse voltage surge is less than 10 Hz.
Notes
• Material at egress is tantalum
• Insulation sleeving will lap over the ends of the capacitor case
• Tinned nickel leads, solderable and weldable
• Approx. weight
T1: 2.3 g, T2: 5.7 g
T3: 9.4 g, T4: 14.8 g
DIMENSIONS in inches [millimeters]
CASE CODE
D ± 0.016 [0.41]
MAX. INSULATED
(DIA.)
L1 + 0.031 [0.79] UNINSULATED
E ± 0.250 [6.35] MAX.
T1
0.188 [4.78]
0.219 [5.56]
0.453 [11.51]
1.500 [38.10]
T2
0.281 [7.14]
0.312 [7.92]
0.641 [16.28]
2.250 [57.15]
L2
0.281 [7.14]
0.312 [7.92]
1.008 [25.60]
2.250 [57.15]
T3
0.375 [9.52]
0.406 [10.31]
0.766 [19.46]
2.250 [57.15]
T4
0.375 [9.52]
0.406 [10.31]
1.062 [26.97]
2.250 [57.15]
“D” dia.
Terminal location
within 0.031 of center
0.025 + 0.002
(0.64 + 0.05)
0.250 (6.35)
MAX.
0.094 (2.38)
MAX.
EL
1
E
Terminal welded
to case


同様の部品番号 - 93026-36

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
93026-36(1)(2) VISHAY-93026-36(1)(2) Datasheet
72Kb / 4P
   DSCC 93026 SuperTan Wet Tantalum Capacitors
Revision: 01-Feb-12
More results

同様の説明 - 93026-36

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
93026-38KS VISHAY-93026-38KS Datasheet
72Kb / 4P
   DSCC 93026 SuperTan Wet Tantalum Capacitors
Revision: 01-Feb-12
ST VISHAY-ST Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
DLA93026 VISHAY-DLA93026 Datasheet
80Kb / 6P
   DLA 93026 SuperTan짰 Wet Tantalum Capacitors
STE VISHAY-STE_V01 Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE VISHAY-STE Datasheet
92Kb / 3P
   SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
Revision: 25-Aug-08
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
STE470-75T3MI VISHAY-STE470-75T3MI Datasheet
105Kb / 6P
   SuperTan Extended (STE) Capacitors, Wet Tantalum Capacitors with Hermetic Seal
Revision: 07-Nov-14
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com