データシートサーチシステム |
|
BFC233620684 データシート(PDF) 4 Page - Vishay Siliconix |
|
BFC233620684 データシート(HTML) 4 Page - Vishay Siliconix |
4 / 16 page MKP336 2 X2 www.vishay.com Vishay BCcomponents Revision: 18-Dec-12 4 Document Number: 28120 For technical questions, contact: rfi@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes • SPQ = Standard Packing Quantity (1) H = In-tape height; P0 = sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139 (2) Reel diameter = 356 mm is available on request (3) Weight for short lead product only 310 PITCH = 10.0 mm ± 0.4 mm; dt = 0.6 mm ± 0.06 mm; C-TOL. = ± 10 % 0.0027 4.0 x 10.0 x 12.5 0.6 21272 - 1000 27272 1000 24272 1100 0.0033 21332 29157 27332 24332 0.0039 21392 - 27392 24392 0.0047 21472 29158 27472 24472 0.0056 21562 - 27562 24562 0.0068 21682 29159 27682 24682 0.0082 21822 - 27822 24822 0.010 21103 29161 27103 24103 0.012 21123 - 27123 24123 0.015 21153 29162 27153 24153 0.018 21183 - 27183 24183 0.022 21223 29163 27223 24223 0.027 21273 - 750 27273 750 24273 900 0.033 21333 29164 27333 24333 PITCH = 10.0 mm ± 0.4 mm; dt = 0.6 mm ± 0.06 mm; C-TOL. = ± 5 % 0.0010 4.0 x 10.0 x 12.5 0.6 22102 - 1000 28102 1250 25102 1400 0.0012 22122 - 28122 25122 0.0015 22152 - 28152 25152 0.0018 22182 - 28182 25182 0.0022 22222 - 28222 25222 0.0027 22272 - 28272 1000 25272 1100 0.0033 22332 - 28332 25332 0.0039 22392 - 28392 25392 0.0047 22472 - 28472 25472 0.0056 22562 - 28562 25562 0.0068 22682 - 28682 25682 0.0082 22822 - 28822 25822 0.010 22103 - 28103 25103 0.012 22123 - 28123 25123 0.015 22153 - 28153 25153 0.018 22183 - 28183 25183 0.022 22223 - 28223 25223 0.027 22273 - 750 28273 750 25273 900 0.033 22333 - 28333 25333 ELECTRICAL DATA AND ORDERING CODE - PITCH 10 mm URAC (V) CAP. (μF) DIMENSIONS w x h x l (mm) MASS (g) (3) CATALOG NUMBER BFC2 336 ..... AND PACKAGING LOOSE IN BOX REEL (500 mm) (1)(2) SHORT LEADS LONG LEADS H = 18.5 mm P0 = 12.7 mm lt = 3.5 mm + 1 mm/- 0.5 mm lt = 5.0 mm ± 1.0 mm SPQ lt = 25.0 mm ± 2.0 mm SPQ SPQ |
同様の部品番号 - BFC233620684 |
|
同様の説明 - BFC233620684 |