データシートサーチシステム |
|
DM22J12S205PO データシート(PDF) 1 Page - C&K Components |
|
DM22J12S205PO データシート(HTML) 1 Page - C&K Components |
1 / 4 page G–70 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com G DM Series Miniature 2 Pole Power Rocker Switches Models Available Features/Benefits • 3 AMPS to 10 AMPS • Quick connect terminals • Double pole in miniature size • Recessed bracket available—prevents accidental actuation • RoHS compliant Typical Applications • Computers • Appliances • Electric tools Specifications CONTACT RATING: DM2X Models: 3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC (UL/CSA). DM6X Models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA). 6 AMPS @ 125 V AC, 3 AMPS @ 250 V AC, T85 (VDE). ELECTRICAL LIFE: 10,000 make-and-break cycles at full load. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -20ºC to +65ºC Materials HOUSING & ACTUATOR: 6/6 nylon (UL94V-2), black. MOVABLE CONTACTS: DM2X Models: Copper, silver plated. DM6X Models: Coin silver, silver plated. STATIONARY CONTACTS & TERMINALS: Copper or brass, silver plated. CONTACT SPRING: Music wire or stainless steel. NOTE: Any models supplied with Q contact material are RoHS compliant. NOTE: Specifications and materials listed above are for standard switches. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages G–71 and G–73. For additional options not shown in catalog, consult Customer Service Center. Switch Function DM21 DPDT, On-On DM22 DPST, On-Off DM61 (STD.) DPDT, On-On DM62 (STD.) DPST, On-Off Actuator J1 Rocker Actuator Color 2 Black 1 White Housing Style/Color S2 Snap-in, black B2 Recessed snap-in actuator guard, black G2 Actuator guard, black Contact Material Q Silver Terminations 05 Quick connect Actuator Markings NONE No marking D ON-OFF H O | P O – |
同様の部品番号 - DM22J12S205PO |
|
同様の説明 - DM22J12S205PO |