データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA3472FE2 データシート(PDF) 10 Page - Rohm

部品番号 BA3472FE2
部品情報  High Speed with High Voltage Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA3472FE2 データシート(HTML) 10 Page - Rohm

Back Button BA3472FE2 Datasheet HTML 6Page - Rohm BA3472FE2 Datasheet HTML 7Page - Rohm BA3472FE2 Datasheet HTML 8Page - Rohm BA3472FE2 Datasheet HTML 9Page - Rohm BA3472FE2 Datasheet HTML 10Page - Rohm BA3472FE2 Datasheet HTML 11Page - Rohm BA3472FE2 Datasheet HTML 12Page - Rohm BA3472FE2 Datasheet HTML 13Page - Rohm BA3472FE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
10/29
26.OCT.2012 Rev.002
TSZ22111・15・001
BA3472xxx, BA3472RFVM, BA3474xxx, BA3474RFV
0
200
400
600
800
1000
0
255075
100
125
AMBIENT TEMPERATURE [℃]
●Typical Performance Curves
○BA3472, BA3472R
(*) The above data is measurement value of typical sample, it is not guaranteed.
BA3472:-40℃~+85℃
BA3472R:-40℃~+105℃
Figure 2.
Derating Curve
Figure 3.
Supply Current - Supply Voltage
Figure 4.
Supply Current - Ambient Temperature
Figure 5.
High level Output Voltage - Supply Voltage
(RL=10k
Ω)
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE [V]
25℃
85℃
-40℃
105℃
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
3V
30V
36V
5V
0
5
10
15
20
25
30
35
40
45
0
10203040
SUPPLY VOLTAGE[V]
25℃
85℃
-40℃
105℃
BA3472FVT
BA3472FVM
BA3472RFVM
85
BA3472F
BA3472FV
BA3472FJ
105


同様の部品番号 - BA3472FE2

メーカー部品番号データシート部品情報
logo
Rohm
BA3472F ROHM-BA3472F Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BA3472F ROHM-BA3472F Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472F ROHM-BA3472F Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472F ROHM-BA3472F Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
More results

同様の説明 - BA3472FE2

メーカー部品番号データシート部品情報
logo
Rohm
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com