データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM120H-15 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM120H-15
部品情報  LM120/LM320-N Series 3-Terminal Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM120H-15 データシート(HTML) 2 Page - Texas Instruments

  LM120H-15 Datasheet HTML 1Page - Texas Instruments LM120H-15 Datasheet HTML 2Page - Texas Instruments LM120H-15 Datasheet HTML 3Page - Texas Instruments LM120H-15 Datasheet HTML 4Page - Texas Instruments LM120H-15 Datasheet HTML 5Page - Texas Instruments LM120H-15 Datasheet HTML 6Page - Texas Instruments LM120H-15 Datasheet HTML 7Page - Texas Instruments LM120H-15 Datasheet HTML 8Page - Texas Instruments LM120H-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM120, LM320-N
SNVS756C – APRIL 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
−5 VOLT REGULATORS
(1) (2) (3)
Power Dissipation
Internally Limited
Input Voltage
−25V
Input-Output Voltage Differential
25V
Junction Temperatures
(4)
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
300°C
Plastic
260°C
(1)
Refer to RETS120-5H drawing for LM120H-5.0 or RETS120-5K drawing for LM120-5K military specifications.
(2)
For
−5V 3 amp regulators, see LM145 data sheet.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
This specification applies over
−55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N.
LM120K-5.0 AND LM320K-5.0 ELECTRICAL CHARACTERISTICS
(1)
Metal Can Package
Order Numbers
LM120K-5.0
LM320K-5.0
(TO-3)
(TO-3)
Units
Design Output Current (ID)
1.5A
Device Dissipation (PD)
20W
Parameter
Conditions (2)
Min
Typ
Max
Min
Typ
Max
Output Voltage
TJ = 25°C, VIN =10V,
−5.1
−5
−4.9
−5.2
−5
−4.8
V
ILOAD = 5 mA
Line Regulation
TJ = 25°C, ILOAD = 5 mA,
10
25
10
40
mV
VMIN ≤ VIN ≤ VMAX
Input Voltage
−25
−7
−25
−7
V
Ripple Rejection
f = 120 Hz
54
64
54
64
dB
Load Regulation,
TJ = 25°C, VIN = 10V,
50
75
60
100
mV
(3)
5 mA
≤ ILOAD ≤ ID
Output Voltage,
−7.5V ≤ VIN ≤ VMAX,
−5.20
−4.80
−5.25
−4.75
V
(2)
5 mA
≤ ILOAD ≤ ID, P ≤ PD
Quiescent Current
VMIN ≤ VIN ≤ VMAX
1
2
1
2
mA
Quiescent Current
TJ = 25°C
Change
VMIN ≤ VIN ≤ VMAX
0.1
0.4
0.1
0.4
mA
5 mA
≤ ILOAD ≤ ID
0.1
0.4
0.1
0.4
mA
Output Noise Voltage
TA = 25°C, CL = 1 μF, IL = 5 mA,
150
150
μV
VIN = 10V, 10 Hz ≤ f ≤ 100 kHz
Long Term Stability
5
50
5
50
mV
Thermal Resistance
Junction to Case
3
3
°C/W
Junction to Ambient
35
35
°C/W
(1)
For
−5V 3 amp regulators, see LM145 data sheet.
(2)
This specification applies over
−55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N.
(3)
Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account
separately. To ensure constant junction temperature, low duty cycle, pulse testing is used. The LM120/LM320-N series does have low
thermal feedback, improving line and load regulation. On all other tests, even though power dissipation is internally limited, electrical
specifications apply only up to PD.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM120 LM320-N


同様の部品番号 - LM120H-15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM120H-15 NSC-LM120H-15 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM120H-15 TI1-LM120H-15 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120H-15/883 NSC-LM120H-15/883 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM120H-15/883 TI1-LM120H-15/883 Datasheet
550Kb / 16P
[Old version datasheet]   LM120QML Series 3-Terminal Negative Regulators
LM120H-15/883 TI1-LM120H-15/883 Datasheet
640Kb / 19P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results

同様の説明 - LM120H-15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM120 TI-LM120_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM120/LM320-N Series 3-Terminal Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM120QML TI1-LM120QML_16 Datasheet
640Kb / 19P
[Old version datasheet]   Series 3-Terminal Negative Regulators
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Negative Regulators
logo
National Semiconductor ...
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com