データシートサーチシステム |
|
BA4560FV-E2 データシート(PDF) 4 Page - Rohm |
|
BA4560FV-E2 データシート(HTML) 4 Page - Rohm |
4 / 44 page Datasheet www.rohm.com TSZ02201-0RAR1G200020-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 4/41 7.SEP.2012 Rev.002 TSZ22111・15・00 BA4560xxx, BA4560Rxxx, BA4564RFV, BA4564WFV ●Electrical Characteristics ○BA4560 (Unless otherwise specified VCC=+15V, VEE=-15V) Parameter Symbol Temperature Range Limits Unit Condition Min. Typ. Max. Input Offset Voltage *8 Vio 25℃ - 0.5 6 mV VOUT=0V Input Offset Current *8 Iio 25℃ - 5 200 nA VOUT=0V Input Bias Current *9 Ib 25℃ - 50 500 nA VOUT=0V Supply Current ICC 25℃ - 4 7.5 mA RL=∞, All Op-Amps, VIN+=0V Maximum Output Voltage VOM 25℃ ±12 ±14 - V RL≧10k Ω 25℃ ±10 ±13 - RL≧2k Ω Large Signal Voltage Gain AV 25℃ 86 100 - dB RL≧2k Ω, VO=±10V Vicm=0V Input Common-mode Voltage Range Vicm 25℃ ±12 ±14 - V VOUT=±12V Common-mode Rejection Ratio CMRR 25℃ 70 90 - dB VOUT=±12V Power Supply Rejection Ratio PSRR 25℃ 76.3 90 - dB Ri≦10k Ω Slew Rate SR 25℃ - 4 - V/ μs AV=0dB, RL=2kΩ Unity Gain Frequency ft 25℃ - 4 - MHz RL=2k Ω Unity Gain Frequency GBW 25℃ - 10 - MHz f=10kHz Total Harmonic Distortion THD+N 25℃ - 0.003 - % AV=20dB, RL=10k Ω VIN=0.05Vrms, f=1kHz Input Referred Noise Voltage Vn 25℃ - 8 - Hz nV/ RS=100 Ω, Vi=0V f=1kHz - - 2.2 μVrms RS=2.2Ω, RIAA BW=10kHz to 30kHz *8 Absolute value *9 Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. |
同様の部品番号 - BA4560FV-E2 |
|
同様の説明 - BA4560FV-E2 |