データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA4558RFV-E2 データシート(PDF) 3 Page - Rohm

部品番号 BA4558RFV-E2
部品情報  Low Noise Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA4558RFV-E2 データシート(HTML) 3 Page - Rohm

  BA4558RFV-E2 Datasheet HTML 1Page - Rohm BA4558RFV-E2 Datasheet HTML 2Page - Rohm BA4558RFV-E2 Datasheet HTML 3Page - Rohm BA4558RFV-E2 Datasheet HTML 4Page - Rohm BA4558RFV-E2 Datasheet HTML 5Page - Rohm BA4558RFV-E2 Datasheet HTML 6Page - Rohm BA4558RFV-E2 Datasheet HTML 7Page - Rohm BA4558RFV-E2 Datasheet HTML 8Page - Rohm BA4558RFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
●Absolute Maximum Ratings (Ta=25℃)
○BA4558, BA4558R
Parameter
Symbol
Ratings
Unit
BA4558
BA4558R
Supply Voltage
VCC-VEE
+36
V
Power dissipation
Pd
SOP8
552
*1*5
690
*1*5
mW
SSOP-B8
500
*2*5
625
*2*5
TSSOP-B8
500
*2*5
625
*2*5
MSOP8
470
*3*5
587
*3*5
SOP-J8
540
*4*5
675
*4*5
Differential Input Voltage
*5
Vid
VCC-VEE
+36
V
Input common-mode voltage range
Vicm
VEE to VCC
(VEE-0.3) to VEE+36
V
Operating Supply Voltage
Vopr
+8 to +30 (±4 to ±15)
V
Operating Temperature
Topr
-40 to +85
-40 to +105
Storage Temperature
Tstg
-55 to +125
-55 to +150
Maximum Junction Temperature
Tjmax
+125
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment
may cause deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 5.52mW.
*2
To use at temperature above Ta=25℃ reduce 5mW.
*3
To use at temperature above Ta=25℃ reduce 4.7mW.
*4
To use at temperature above Ta=25℃ reduce 5.4mW.
*5
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*6
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.


同様の部品番号 - BA4558RFV-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA4558RFV-E2 ROHM-BA4558RFV-E2 Datasheet
561Kb / 29P
   Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results

同様の説明 - BA4558RFV-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com