データシートサーチシステム |
|
BA4560FV-TR データシート(PDF) 5 Page - Rohm |
|
BA4560FV-TR データシート(HTML) 5 Page - Rohm |
5 / 44 page Datasheet www.rohm.com TSZ02201-0RAR1G200020-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 5/41 7.SEP.2012 Rev.002 TSZ22111・15・00 BA4560xxx, BA4560Rxxx, BA4564RFV, BA4564WFV ○BA4560R (Unless otherwise specified VCC=+15V, VEE=-15V, Full range -40℃ to +105℃) Parameter Symbol Temperature Range Limits Unit Condition Min. Typ. Max. Input Offset Voltage *10 Vio 25℃ - 0.5 6 mV VOUT=0V Full range - - 7 Input Offset Current *10 Iio 25℃ - 5 200 nA VOUT=0V Full range - - 200 Input Bias Current *11 Ib 25℃ - 50 500 nA VOUT=0V Full range - - 800 Supply Current ICC 25℃ - 3 7 mA RL=∞, All Op-Amps VIN+=0V Full range - - 7.5 Maximum Output Voltage VOM 25℃ ±12 ±14 - V RL≧2k Ω Full range ±10 ±11.5 - Io=25mA Large Signal Voltage Gain AV 25℃ 86 100 - dB RL≧2k Ω, VO=±10V Vicm=0V Full range 83 - - Input Common-mode Voltage Range Vicm 25℃ ±12 ±14 - V VOUT=±12V Full range ±12 - - Common-mode Rejection Ratio CMRR 25℃ 70 90 - dB VOUT=±12V Power Supply Rejection Ratio PSRR 25℃ 76.5 90 - dB Ri≦10k Ω Channel Separation CS 25℃ - 105 - dB R1=100 Ω,f=1kHz Slew Rate SR 25℃ - 4 - V/ μs AV=0dB, RL=10kΩ CL=100pF Unity Gain Frequency ft 25℃ - 4 - MHz RL=2k Ω Total Harmonic Distortion THD+N 25℃ - 0.003 - % AV=20dB, RL=10k Ω VIN=0.05Vrms, f=1kHz Input Referred Noise Voltage Vn 25℃ - 8 - Hz nV/ RS=100 Ω, Vi=0V f=1kHz - 1.0 - μVrms DIN-AUDIO *10 Absolute value *11 Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. |
同様の部品番号 - BA4560FV-TR |
|
同様の説明 - BA4560FV-TR |