データシートサーチシステム |
|
BA4580YFTR データシート(PDF) 3 Page - Rohm |
|
BA4580YFTR データシート(HTML) 3 Page - Rohm |
3 / 30 page Datasheet www.rohm.com TSZ02201-0RAR1G200500-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 3/27 25.Mar.2013 Rev.002 TSZ22111・15・001 BA4580Yxxx-M, BA4584YFV-M ●Line-up Topr Supply voltage Number of channels Package Orderable Parts Number -40°C to +105°C ±2.0V to ±16V Dual SOP8 Reel of 2500 BA4580YF-ME2 MSOP8 Reel of 3000 BA4580YFVM-MTR Quad SSOP-B14 Reel of 2500 BA4584YFV-ME2 ●Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Ratings Unit BA4580Y BA4584Y Supply Voltage VCC-VEE +36 V Power Dissipation Pd SOP8 780 *1*4 - mW MSOP8 590 *2*4 - SSOP-B14 - 1350 *3*4 Differential Input Voltage *5 Vid +36 V Input Common-mode Voltage Range Vicm (VEE-0.3) to (VEE+36) V Input Current *6 Ii -10 mA Operating Supply Voltage Vopr +4 to +32 (±2 to ±16) V Output current Iout ±50 mA Operating Temperature Range Topr -40 to +105 ℃ Storage Temperature Range Tstg -55 to +150 ℃ Maximum Junction Temperature Tjmax +150 ℃ Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. *1 To use at temperature above Ta=25℃ reduce 6.2mW/℃. *2 To use at temperature above Ta=25℃ reduce 4.8mW/℃. *3 To use at temperature above Ta=25℃ reduce 10.8mW/℃. *4 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm). *5 The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. *6 Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between the input unless some limiting resistance is used. |
同様の部品番号 - BA4580YFTR |
|
同様の説明 - BA4580YFTR |