データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA3474RFJE2 データシート(PDF) 5 Page - Rohm

部品番号 BA3474RFJE2
部品情報  High Speed with High Voltage Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA3474RFJE2 データシート(HTML) 5 Page - Rohm

  BA3474RFJE2 Datasheet HTML 1Page - Rohm BA3474RFJE2 Datasheet HTML 2Page - Rohm BA3474RFJE2 Datasheet HTML 3Page - Rohm BA3474RFJE2 Datasheet HTML 4Page - Rohm BA3474RFJE2 Datasheet HTML 5Page - Rohm BA3474RFJE2 Datasheet HTML 6Page - Rohm BA3474RFJE2 Datasheet HTML 7Page - Rohm BA3474RFJE2 Datasheet HTML 8Page - Rohm BA3474RFJE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
5/29
26.OCT.2012 Rev.002
TSZ22111・15・001
BA3472xxx, BA3472RFVM, BA3474xxx, BA3474RFV
●Electrical Characteristics
○BA3472 (Unless otherwise specified VCC=+15V, VEE=-15V , Ta=25℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*18
Vio
-
1
10
mV
Vicm=0V, VOUT=0V
-
1
10
VCC=5V, VEE=0V, Vicm=0V
VOUT=VCC/2
Input Offset Current
*18
Iio
-
6
75
nA
Vicm=0V, VOUT=0V
Input Bias Current
*18
Ib
-
100
500
nA
Vicm=0V, VOUT=0V
Supply Current
ICC
-
4
5.5
mA
RL=∞
Maximum Output Voltage(High)
VOH
3.7
4
-
V
VCC=5V, RL=2k
13.7
14
-
RL=10k
13.5
-
-
RL=2k
Maximum Output Voltage(Low)
VOL
-
0.1
0.3
V
VCC=5V, RL=2k
-
-14.7
-14.3
RL=10k
-
-
-13.5
RL=2k
Large Signal Voltage Gain
Av
80
100
-
dB
RL≧2k
Ω, VOUT=±10 V
Input Common-mode
Voltage Range
Vicm
0
-
VCC-2.0
V
VCC=5V, VEE=0V
VOUT=VCC/2
Common-mode Rejection Ratio
CMRR
60
97
-
dB
Vicm=0V, VOUT=0V
Power Supply Rejection Ratio
PSRR
60
97
-
dB
Vicm=0V, VOUT=0V
Output Source Current
*19
Isource
10
30
-
mA
VCC=5V, VIN+=1V
VIN-=0V, VOUT=0V
Only 1ch is short circuit
Output Sink Current
*19
Isink
20
30
-
mA
VCC=5V, VIN+=0V
VIN-=1V, VOUT=5V
Only 1ch is short circuit
Unity Gain Frequency
fT
-
4
-
MHz
-
Gain Band Width
GBW
-
4
-
MHz
f=100kHz
open loop
Slew Rate
SR
-
10
-
V/
μs Av=1, Vin=-10 to +10V
RL=2k
Channel Separation
CS
-
120
-
dB
f=1kHz, input referred
*18
Absolute value
*19
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


同様の部品番号 - BA3474RFJE2

メーカー部品番号データシート部品情報
logo
Rohm
BA3474RFV ROHM-BA3474RFV Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3474RFV ROHM-BA3474RFV Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474RFV ROHM-BA3474RFV Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3474RFV-E2 ROHM-BA3474RFV-E2 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474RFV-E2 ROHM-BA3474RFV-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
More results

同様の説明 - BA3474RFJE2

メーカー部品番号データシート部品情報
logo
Rohm
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com