データシートサーチシステム |
|
BA4584YFTR データシート(PDF) 6 Page - Rohm |
|
BA4584YFTR データシート(HTML) 6 Page - Rohm |
6 / 30 page Datasheet www.rohm.com TSZ02201-0RAR1G200500-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 6/27 25.Mar.2013 Rev.002 TSZ22111・15・001 BA4580Yxxx-M, BA4584YFV-M Description of electrical characteristics Described here are the terms of electric characteristics used in this datasheet. Items and symbols used are also shown. Note that item name and symbol and their meaning may differ from those on another manufacture’s document or general document. 1. Absolute maximum ratings Absolute maximum rating item indicates the condition which must not be exceeded. Application of voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. 1.1 Power supply voltage (VCC-VEE) Indicates the maximum voltage that can be applied between the positive power supply terminal and negative power supply terminal without deterioration or destruction of characteristics of internal circuit. 1.2 Differential input voltage (Vid) Indicates the maximum voltage that can be applied between non-inverting terminal and inverting terminal without deterioration and destruction of characteristics of IC. 1.3 Input common-mode voltage range (Vicm) Indicates the maximum voltage that can be applied to non-inverting terminal and inverting terminal without deterioration or destruction of characteristics. Input common-mode voltage range of the maximum ratings not assure normal operation of IC. When normal operation of IC is desired, the input common-mode voltage of characteristics item must be followed. 1.4 Power dissipation (Pd) Indicates the power that can be consumed by specified mounted board at the ambient temperature 25℃(normal temperature). As for package product, Pd is determined by the temperature that can be permitted by IC chip in the package (maximum junction temperature)and thermal resistance of the package. 2. Electrical characteristics item 2.1 Input offset voltage (Vio) Indicates the voltage difference between non-inverting terminal and inverting terminal. It can be translated into the input voltage difference required for setting the output voltage at 0V. 2.2 Input offset current (Iio) Indicates the difference of input bias current between non-inverting terminal and inverting terminal. 2.3 Input bias current (Ib) Indicates the current that flows into or out of the input terminal. It is defined by the average of input bias current at non-inverting terminal and input bias current at inverting terminal. 2.4 Circuit current (ICC) Indicates the IC current that flows under specified conditions and no-load steady status. 2.5 Output saturation voltage (VOM) Signifies the voltage range that can be output under specific output conditions. 2.6 Large signal voltage gain (Av) Indicates the amplifying rate (gain) of output voltage against the voltage difference between non-inverting terminal and Inverting terminal. It is normally the amplifying rate (gain) with reference to DC voltage. Av = (Output voltage) / (Differential Input voltage) 2.7 Input common-mode voltage range (Vicm) Indicates the input voltage range where IC operates normally. 2.8 Common-mode rejection ratio (CMRR) Indicates the ratio of fluctuation of input offset voltage when in-phase input voltage is changed. It is normally the fluctuation of DC. CMRR = (Change of Input common-mode voltage)/(Input offset fluctuation) 2.9 Power supply rejection ratio (PSRR) Indicates the ratio of fluctuation of input offset voltage when supply voltage is changed. It is normally the fluctuation of DC. PSRR = (Change of power supply voltage) / (Input offset fluctuation) 2.10 Slew Rate (SR) SR is a parameter that shows movement speed of operational amplifier. It indicates rate of variable output voltage as unit time. 2.11 Gain Band Width (GBW) The product of the open-loop voltage gain and the frequency at which the voltage gain decreases 6dB/octave. 2.12 Unity gain frequency (fT) Indicates a frequency where the voltage gain of operational amplifier is 1. 2.13 Total harmonic distortion + Noise (THD+N) Indicates the fluctuation of input offset voltage or that of output voltage with reference to the change of output voltage of driven channel. 2.14 Input referred noise voltage (Vn) Indicates a noise voltage generated inside the operational amplifier equivalent by ideal voltage source connected in series with input terminal. 2.15 Channel separation (CS) Indicates the fluctuation of input offset voltage or that of output voltage with reference to the change of output voltage of driven channel. |
同様の部品番号 - BA4584YFTR |
|
同様の説明 - BA4584YFTR |