データシートサーチシステム |
|
BA4580YF-ME2 データシート(PDF) 8 Page - Rohm |
|
BA4580YF-ME2 データシート(HTML) 8 Page - Rohm |
8 / 48 page Datasheet www.rohm.com TSZ02201-0RAR1G200130-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 8/45 11.Jan.2013 Rev.002 TSZ22111・15・001 BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx BA2902xx, BA2902Sxx ○BA2904W (Unless otherwise specified VCC=+5V, VEE=0V) Parameter Symbol Temperature Range Limits Unit Condition Min. Typ. Max. Input Offset Voltage *23 Vio 25℃ - 0.5 2 mV OUT=1.4V Input Offset Voltage Drift △Vio/△T - - ±7 - μV/℃ OUT=1.4V Input Offset Current *23 Iio 25℃ - 2 50 nA OUT=1.4V Input Offset Current Drift △lio/△T- - ±10 - pA/℃ OUT=1.4V Input Bias Current *23 Ib 25℃ - 20 250 nA OUT=1.4V Full range - - 250 Supply Current ICC 25℃ - 0.5 1.2 mA RL=∞, All Op-Amps Full range - - 1.2 Maximum Output Voltage(High) VOH 25℃ 3.5 - - V RL=2k Ω Full range 27 28 - VCC=30V, RL=10k Ω Maximum Output Voltage(Low) VOL Full range - 5 20 mV RL=∞, All Op-Amps Large Signal Voltage Gain Av 25℃ 25 100 - V/mV RL≧2k Ω, VCC=15V OUT=1.4 to 11.4V Input Common-mode Voltage Range Vicm 25℃ 0 - VCC-1.5 V (VCC-VEE)=5V OUT=VEE+1.4V Common-mode Rejection Ratio CMRR 25℃ 50 80 - dB OUT=1.4V Power Supply Rejection Ratio PSRR 25℃ 65 100 - dB VCC=5 to 30V Output Source Current *24 Isource 25℃ 20 30 - mA VIN+=1V, VIN-=0V OUT=0V, 1CH is short circuit Full range 10 - - Output Sink Current *24 Isink 25℃ 10 20 - mA VIN+=0V, VIN-=1V OUT=5V, 1CH is short circuit Full range 2 - - 25℃ 12 40 - μA VIN+=0V, VIN-=1V OUT=200mV Channel Separation CS 25℃ - 120 - dB f=1kHz, input referred Slew rate SR 25℃ - 0.2 - V/ μs VCC=15V, Av=0dB RL=2k Ω, CL=100pF Gain Band Width GBW 25℃ - 0.5 - MHz VCC=30V, RL=2k Ω CL=100pF Input referred noise voltage Vn 25℃ - 40 - Hz nV/ VCC=15V, VEE=-15V RS=100 Ω, Vi=0V, f=1kHz *23 Absolute value *24 Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
同様の部品番号 - BA4580YF-ME2 |
|
同様の説明 - BA4580YF-ME2 |