データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2576SX-12 データシート(PDF) 2 Page - Tiger Electronic Co.,Ltd

部品番号 LM2576SX-12
部品情報  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576SX-12 データシート(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM2576SX-12 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576SX-12 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576SX-12 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576SX-12 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576SX-12 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576SX-12 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576SX-12 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576SX-12 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM2576 Series
Block Diagram
UNREGULATED
DC INPUT
+
VIN
1
4
INTERNAL
REGULATOR
ON/OFF
5
ON/OFF
CIN
FEED-
BACK
R2
FIXED GAIN
ERRORAMP
DRIVER
3 AMP
R1
1.0k
1.23V
+
-
COMPARATOR
+
-
SWITCH
2
3
OUTPUT
D1
L1
+
VOUT
COUT
L
O
A
BAND-GAP
52kHZ
THERMAL
CURRENT
D
REFERENCE OSCILLATOR
RESET
SHUTDOWN
LIMIT
GND
3.3V, R2 =1.7K
5V, R2 = 3.1K
12V, R2 = 8.84K
15V, R2 =11.3K
For ADJ, Version
R1 = Open, R2 =0Ω
Ordering information
Temperature
Range
Output Voltage, V
Package Type
-25°C ≤ TA
75°C
3.3
5.0
12
15
ADJ
LM2576SX-3.3
LM2576SX-5.0
LM2576SX-12
LM2576SX-15
LM2576SX-ADJ
LM2576HVS-3.3 LM2576HVS-5.0 LM2576HVS-12 LM2576HVS-15 LM2576HVS-ADJ
LM2576T-3.3
LM2576T-5.0
LM2576T-12
LM2576T-15
LM2576T-ADJ
LM2576HVT-3.3 LM2576HVT-5.0 LM2576HVT-12 LM2576HVT-15 LM2576HVT-ADJ
TO-263
TO-220
2
ELECTRONICS CO.,LTD
TIGER


同様の部品番号 - LM2576SX-12

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2576SX-12 NSC-LM2576SX-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576SX-12 ARTSCHIP-LM2576SX-12 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
More results

同様の説明 - LM2576SX-12

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
[Old version datasheet]   monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com