データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3546 データシート(PDF) 7 Page - International Rectifier

部品番号 IRF3546
部品情報  60A Dual Integrated Power Block
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF3546 データシート(HTML) 7 Page - International Rectifier

Back Button IRF3546 Datasheet HTML 3Page - International Rectifier IRF3546 Datasheet HTML 4Page - International Rectifier IRF3546 Datasheet HTML 5Page - International Rectifier IRF3546 Datasheet HTML 6Page - International Rectifier IRF3546 Datasheet HTML 7Page - International Rectifier IRF3546 Datasheet HTML 8Page - International Rectifier IRF3546 Datasheet HTML 9Page - International Rectifier IRF3546 Datasheet HTML 10Page - International Rectifier IRF3546 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 
 
IRF3546
60A Dual Integrated Power Block 
www.irf.com | © 2013 International Rectifier
May 29, 2013 | Final
7
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Synchronous MOSFETs (Q2 and Q4)
Drain-to-Source On-Resistance
RDS(ON)_4.5V_25°C
VGS=4.5V, ID=16A, TJ=25°C
1.8
2.2
mΩ
Drain-to-Source On-Resistance
RDS(ON)_10V_25°C
VGS=10V, ID=30A, TJ=25°C
1.35
1.8
mΩ
Drain-to-Source Breakdown Voltage
BVDSS
VGS=0V, ID=1mA, TJ=25°C
25
V
Breakdown Voltage Temperature
Coefficient
∆BVDSS / ∆TJ
TJ=25°C -125°C, Note 1
0.02
V/°C
Drain-to-Source Leakage Current
IDSS
VDS=20V, VGS=0V, TJ=25°C
250
uA
Gate-to-Source Forward Leakage Current
IGSS
VGS=16V
100
nA
Gate-to-Source Reverse Leakage Current
IGSS
VGS=-16V
-100
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=100uA
1.1
1.6
2.1
V
Gate Threshold Voltage Coefficient
∆VGS(th)
VDS= VGS, ID=1mA
-5.4
mV/°C
Total Gate Charge
Qg
VDS= 13V, VGS,=4.5V, ID=30A,
Note 1
22
33
nC
Pre-Vth Gate-to-Source Charge
Qgs1
VDS= 13V, VGS=4.5V, ID=30A
5.1
nC
Post-Vth Gate-to-Source Charge
Qgs2
VDS= 13V, VGS=4.5V, ID=30A
3.1
nC
Gate-to-Drain Charge
Qgd
VDS= 13V, VGS=4.5V, ID=30A
6.0
nC
Gate Charge Overdrive
Qgodr
VDS= 13V, VGS=4.5V, ID=30A
6.7
nC
Switch Charge (Qgs2 +Qgd )
QSW
VDS= 13V, VGS=4.5V, ID=30A
9.1
nC
Output Charge
Qoss
VDS= 16V, VGS=0V
23
nC
Gate Resistance
Rg
0.4
Turn-On Delay Time
td(on)
VDD= 13V, VGS=4.5V, ID=16A,
RG=1.3 Ω
13
ns
Rise Time
tr
VDD= 13V, VGS=4.5V, ID=16A,
RG=1.3 Ω
15
ns
Turn-Off Delay Time
td
VDD= 13V, VGS=4.5V, ID=16A,
RG=1.3 Ω
16
ns
Fall Time
tf
VDD= 13V, VGS=4.5V, ID=16A,
RG=1.3 Ω
6.6
ns
Input Capacitance
Ciss
VGS= 0V, VDS=13V, f=1.0MHz
2880
pF
Output Capacitance
Coss
VGS= 0V, VDS=13V, f=1.0MHz
950
pF
Reverse Transfer Capacitance
Crss
VGS= 0V, VDS=13V, f=1.0MHz
180
pF
Diode Forward Voltage
VSD
VGS=0V, IS=30A, TJ=25°C
0.63
0.70
0.77
V
Diode Forward Voltage
VSD
VGS=0V, IS=13A, TJ=25°C
0.54
0.60
0.66
V
Reverse Recovery Time
trr
TJ=25°C, IF=30A, VDD=13V,
di/dt=200A/us, Note 1
23
35
ns
Reverse Recovery Charge
Qrr
TJ=25°C, IF=30A, VDD=13V,
di/dt=200A/us, Note 1
30
45
nC
Notes
1. Guaranteed by design but not tested in production
2. VIN=12V, VOUT=1.2V, ƒSW = 300kHz, L=210nH (0.29mΩ), VCC=6.8V, CIN=47uF x 4, COUT =470uF x3, 400LFM airflow, no heat sink, 25°C
ambient temperature, and 8-layer PCB of 3.7” (L) x 2.6” (W). PWM controller loss and inductor loss are not included.
3. VIN=12V, VOUT=1.2V, ƒSW = 400kHz, L=150nH (0.29mΩ), VCC=6.8V, CIN=47uF x 4, COUT =470uF x3, no airflow, no heat sink, 25°C
ambient temperature, and 8-layer PCB of 3.7” (L) x 2.6” (W). PWM controller loss and inductor loss are not included.


同様の部品番号 - IRF3546

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3546M IRF-IRF3546M_15 Datasheet
718Kb / 18P
   60A Dual Integrated Power Block
More results

同様の説明 - IRF3546

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3546M IRF-IRF3546M_15 Datasheet
718Kb / 18P
   60A Dual Integrated Power Block
IR3550 IRF-IR3550 Datasheet
837Kb / 22P
   60A Integrated PowIRstage짰
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3579 IRF-IR3579_15 Datasheet
82Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3579A IRF-IR3579A_15 Datasheet
81Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
IR3575 IRF-IR3575_15 Datasheet
955Kb / 22P
   60A Exposed Top Integrated PowIRstage
logo
Molex Electronics Ltd.
39970-0111 MOLEX11-39970-0111 Datasheet
42Kb / 2P
   10.16mm Beau Eurostyle Fixed Mount PCB Terminal Block, High Power 60A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com