データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRL520A データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 IRL520A
部品情報  Advenced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRL520A データシート(HTML) 1 Page - Fairchild Semiconductor

  IRL520A Datasheet HTML 1Page - Fairchild Semiconductor IRL520A Datasheet HTML 2Page - Fairchild Semiconductor IRL520A Datasheet HTML 3Page - Fairchild Semiconductor IRL520A Datasheet HTML 4Page - Fairchild Semiconductor IRL520A Datasheet HTML 5Page - Fairchild Semiconductor IRL520A Datasheet HTML 6Page - Fairchild Semiconductor IRL520A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRL520A
BV
DSS = 100 V
R
DS(on) = 0.22Ω
I
D = 9.2 A
100
9.2
6.5
32
±20
112
9.2
4.9
6.5
49
0.33
- 55 to +175
300
3.04
--
62.5
--
0.5
--
1
♦ Avalanche Rugged Technology
♦ Rugged Gate Oxide Technology
♦ Lower Input Capacitance
♦ Improved Gate Charge
♦ Extended Safe Operating Area
♦ Lower Leakage Current: 10µA (Max.) @ V
DS = 100V
♦ Lower R
DS(ON): 0.176Ω (Typ.)
$GYDQFHG 3RZHU 026)(7
Thermal Resistance
Junction-to-Case
Case-to-Sink
Junction-to-Ambient
RθJC
RθCS
RθJA
°C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (TC=25°C)
Continuous Drain Current (TC=100°C)
Drain Current-Pulsed
(1)
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
(2)
Avalanche Current
(1)
Repetitive Avalanche Energy
(1)
Peak Diode Recovery dv/dt
(2)
Total Power Dissipation (TC=25°C)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8 from case for 5-seconds
Characteristic
Value
Units
Symbol
IDM
VGS
EAS
IAR
EAR
dv/dt
ID
PD
TJ , TSTG
TL
A
V
mJ
A
mJ
V/ns
W
W/
°C
A
°C
VDSS
V
TO-220
1.Gate 2. Drain 3. Source
3
2
1
©1999 Fairchild Semiconductor Corporation
Rev. B


同様の部品番号 - IRL520A

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
IRL520A ISC-IRL520A Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - IRL520A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SSH6N70A FAIRCHILD-SSH6N70A Datasheet
338Kb / 7P
   Advenced Power MOSFET
IRFS610A FAIRCHILD-IRFS610A Datasheet
257Kb / 7P
   Advenced Power MOSFET (N-CHANNEL)
logo
NEC
UPD72123 NEC-UPD72123 Datasheet
60Kb / 2P
   Advenced Graphics Display Controller
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com