データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1117QS-1.2 データシート(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1117QS-1.2
部品情報  1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117QS-1.2 データシート(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1117QS-1.2 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117QS-1.2 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117QS-1.2 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117QS-1.2 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117QS-1.2 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117QS-1.2 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117QS-1.2 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117QS-1.2 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117QS-1.2 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1A L.D.O VOLTAGE REGULATOR(Automotive Grade)
LM1117Q
Jul. 2011 Rev. 1.0
- 1 -
HTC
FEATURES
Qualified to AEC-Q100 Standard
Output Current Up to 1A
Low Dropout Voltage (1.2V at 1A Output current)
Three Terminal Adjustable(ADJ) or Fixed 1.2V, 1.5V,
1.8V, 2.5V, 2.85V, 3.3V, 5.0V
Line Regulation typically at 0.1% max.
Load Regulation typically at 0.2% max.
Internal Current and Terminal Protection
Maximum Input Voltage 15V
Surface Mount Package SOT-223
100% Thermal Limit Burn-In
Moisture Sensitivity Level 3
APPLICATION
Automotive
SOT-223 PKG
ORDERING INFORMATION
Device
Package
LM1117QS-ADJ
SOT-223 3L
LM1117QS-X.X
X.X = Output Voltage = 1.2V, 1.5V, 1.8V, 2.5V, 2.85V,
3.3V, 5.0V
DESCRIPSION
The LM1117Q is a low power positive-voltage regulator designed to meet 1A output current and comply with
SCSI-II specifications with a fixed output voltage of 2.85V. This device is an excellent choice for use in battery-
powered applications, as active terminators for the SCSI bus, and portable computers. The LM1117Q features
very low quiescent current and very low dropout voltage of 1V at a full load and lower as output current
decreases. LM1117Q is available as an adjustable or fixed 1.2V, 1.5V, 1.8V, 2.5V, 2.85, 3.3V, and 5.0V output
voltages. The LM1117Q is offered in a 3-pin surface mount package SOT-223. The output capacitor of 10㎌ or
larger is needed for output stability of LM1117Q as required by most of the other regulator circuits.
Absolute Maximum Ratings
(TA = 25℃, unless otherwise specified)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
DC Input Voltage
VIN
-
15
V
Lead Temperature (Soldering, 5 seconds)
TSOL
-
260
Operating Junction Temperature Range
TOPR
-40
125
Storage Temperature Range
TSTG
-65
150


同様の部品番号 - LM1117QS-1.2

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
   1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
More results

同様の説明 - LM1117QS-1.2

メーカー部品番号データシート部品情報
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
logo
Murata Manufacturing Co...
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100
Last updated06/13/2022
logo
Rohm
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com