データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4TPB470M データシート(PDF) 9 Page - Texas Instruments

部品番号 4TPB470M
部品情報  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

4TPB470M データシート(HTML) 9 Page - Texas Instruments

Back Button 4TPB470M Datasheet HTML 5Page - Texas Instruments 4TPB470M Datasheet HTML 6Page - Texas Instruments 4TPB470M Datasheet HTML 7Page - Texas Instruments 4TPB470M Datasheet HTML 8Page - Texas Instruments 4TPB470M Datasheet HTML 9Page - Texas Instruments 4TPB470M Datasheet HTML 10Page - Texas Instruments 4TPB470M Datasheet HTML 11Page - Texas Instruments 4TPB470M Datasheet HTML 12Page - Texas Instruments 4TPB470M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
VIN1
VUVLO
VUVLO
t
t
t
MR Input
RESET Output
120ms
Delay
120ms
Delay
VRES
Output
Undefined
Output
Undefined
VRES
NOTEA: V
istheminimuminputvoltageforavalid.Thesymbol V
isnotcurrentlylistedwithinEIAorJEDEC
standardsforsemiconductorsymbology.
RES
RES
RESET
(seeNoteA)
VPG
t
t
t
PG1Output
VIT+
(seeNoteB)
VIN1
VOUT1
VPG1
V
(seeNoteB)
VUVLO
VUVLO
PG1
Threshold
Voltage
Output
Undefined
Output
Undefined
NOTESA:V
istheminimuminputvoltageforavalidPG.Thesymbol V
isnotcurrentlylistedwithinEIAorJEDEC
standardsforsemiconductorsymbology.
B:
PG1
PG1
V
tripvoltageistypically5%lowerthantheoutputvoltage(95%V ).V
toV
isthehysteresisvoltage.
IT
IT
-
-
O
IT+
NOTES
(seeNoteA)
IT-
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
RESET Timing Diagram
PG1 Timing Diagram
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9


同様の部品番号 - 4TPB470M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
4TPB470M SANYO-4TPB470M Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
4TPB470ML SANYO-4TPB470ML Datasheet
103Kb / 2P
   standard products corresponding to the diversification of the needs
More results

同様の説明 - 4TPB470M

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com