データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J106 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 J106
部品情報  N-Channel Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J106 データシート(HTML) 2 Page - Fairchild Semiconductor

  J106 Datasheet HTML 1Page - Fairchild Semiconductor J106 Datasheet HTML 2Page - Fairchild Semiconductor J106 Datasheet HTML 3Page - Fairchild Semiconductor J106 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
IDSS
Zero-Gate Voltage Drain Current*
VDS = 15 V, IGS = 0
J105
J106
J107
500
200
100
mA
mA
mA
rDS(on)
Drain-Source On Resistance
VDS
≤ 0.1 V, V
GS = 0
J105
J106
J107
3.0
6.0
8.0
V(BR)GSS
Gate-Source Breakdown Voltage
IG = - 10
µA, VDS = 0
- 25
V
IGSS
Gate Reverse Current
VGS = - 15 V, VDS = 0
VGS = - 15 V, VDS = 0, TA = 100
°C
- 3.0
- 200
nA
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 15 V, ID = 10 nA
J105
J106
J107
- 4.5
- 2.0
- 0.5
- 10
- 6.0
- 4.5
V
V
V
Cdg(on)
Csg(on)
Drain Gate & Source Gate On
Capacitance
VDS = 0, VGS = 10 V, f = 1.0 MHz
160
pF
Cdg(off)
Drain-Gate Off Capacitance
VDS = 0, VGS = 10 V, f = 1.0 MHz
35
pF
Csg(off)
Source-Gate Off Capacitance
VDS = 0, VGS = 10 V, f = 1.0 MHz
35
pF
Typical Characteristics
Common Drain-Source
Characteristics
00.511.5
2
0
50
100
150
200
V
- DRAIN-SOURCE VOLTAGE(V)
DS
V
= 0 V
GS
-1V
-2V
-3V
-4V
-5V
TYP V
= -5V
GS(OFF)
T
= + 25 C
0
A
Common Drain-Source
Characteristics
01
23
4
5
0
10
20
30
40
50
V
- DRAIN-SOURCE VOLTAGE(V)
DS
V
= 0 V
GS
TYP V
= -0.7V
GS(OFF)
T
= + 25 C
0
A
- 0.1V
- 0.2V
-0.4V
- 0.5V
- 0.3V
N-Channel Switch
(continued)


同様の部品番号 - J106

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
J106 VISHAY-J106 Datasheet
39Kb / 5P
   N-Channel JFETs
Rev. D, 04-Jun-01
logo
Fairchild Semiconductor
J106 FAIRCHILD-J106 Datasheet
482Kb / 12P
   N-Channel Switch
logo
Intersil Corporation
J106 INTERSIL-J106 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

同様の説明 - J106

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com