データシートサーチシステム |
|
HLMP-HH62-TX0DD データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-HH62-TX0DD データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED |
4 / 11 page 4 Part Numbering System HLMP- x x 62/63 - x x x x x Packaging Option DD: Ammopacks Color Bin Selection 0: Open distribution Maximum Intensity Bin Refer to Device Selection Guide Minimum Intensity Bin Refer to Device Selection Guide. Color G: Red 626nm H: Red Orange 615nm L: Amber 590nm Package A: 5mm Mini Oval 30° x 70° H: 5mm Standard Oval 40°x100° Absolute Maximum Ratings TA = 25°C Parameter Value Unit DC Forward Current [1] 50 mA Peak Forward Current 100 [2] mA Power Dissipation 120 mW Reverse Voltage 5 (IR = 100 μA) V LED Junction Temperature 130 °C Operating Temperature Range -40 to +100 °C Storage Temperature Range -40 to +100 °C Notes: 1. Derate linearly as shown in Figure 4. 2. Duty Factor 30%, frequency 1kHz. Note: Please refer to AB 5337 for complete information on part numbering system. |
同様の部品番号 - HLMP-HH62-TX0DD |
|
同様の説明 - HLMP-HH62-TX0DD |