データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA324D データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 KA324D
部品情報  Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA324D データシート(HTML) 4 Page - Fairchild Semiconductor

  KA324D Datasheet HTML 1Page - Fairchild Semiconductor KA324D Datasheet HTML 2Page - Fairchild Semiconductor KA324D Datasheet HTML 3Page - Fairchild Semiconductor KA324D Datasheet HTML 4Page - Fairchild Semiconductor KA324D Datasheet HTML 5Page - Fairchild Semiconductor KA324D Datasheet HTML 6Page - Fairchild Semiconductor KA324D Datasheet HTML 7Page - Fairchild Semiconductor KA324D Datasheet HTML 8Page - Fairchild Semiconductor KA324D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA224/KA224A, KA324/KA324A, KA2902
4
Electrical Characteristics (Continued)
(VCC = 5.0V, VEE = GND, unless otherwise specified)
The following specification apply over the range of -25
°C ≤ TA ≤ +85°C for the KA224; and the 0°C ≤ TA ≤ +70°C for
the KA324 ; and the -40
°C ≤ TA ≤ +85°C for the KA2902
Note:
1. VCC=30V for KA224/KA224A , KA324/KA324A , VCC = 26V for KA2902
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
KA224
KA324
KA2902
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Input Offset
Voltage
VIO
VICM = 0V to VCC -1.5V
VO(P) = 1.4V, RS = 0
(Note1)
-
-
7.0
-
-
9.0
-
-
10.0
mV
Input Offset
Voltage Drift
∆VIO/∆TRS = 0Ω (Note2)
-
7.0
-
-
7.0
-
-
7.0
-
µV/
°C
Input Offset
Current
IIO
VCM = 0V
-
-
100
-
-
150
-
-
200
nA
Input Offset
Current Drift
∆IIO/∆TRS = 0Ω (Note2)
-
10
-
-
10
-
-
10
-
pA/
°C
Input Bias
Current
IBIAS
VCM = 0V
-
-
300
-
-
500
-
-
500
nA
Input Common
Mode Voltage
Range
VI(R)
Note1
0
-
VCC
-2.0
0-
VCC
-2.0
0-
VCC
-2.0
V
Large Signal
Voltage Gain
GV
VCC = 15V, RL = 2.0k
VO(P) = 1V to 11V
25
-
-
15
-
-
15
-
-
V/
mV
Output Voltage
Swing
VO(H)
Note1
RL = 2k
26
-
-
26
-
-
22
-
-
V
RL = 10k
27
28
-
27
28
-
23
24
-
V
VO(L)
VCC = 5V, RL= 10k
-
5
20
-
5
20
-
5
100
mV
Output Current
ISOURCE
VI(+) = 1V, VI(-) = 0V
VCC = 15V, VO(P) = 2V
10
20
-
10
20
-
10
20
-
mA
ISINK
VI(+) = 0V, VI(-) = 1V
VCC = 15V, VO(P) = 2V
10
13
-
5
8
-
5
8
-
mA
Differential
Input Voltage
VI(DIFF)
--
-
VCC
--
VCC
--
VCC
V


同様の部品番号 - KA324D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA324DTF FAIRCHILD-KA324DTF Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
ON Semiconductor
KA324DTF ONSEMI-KA324DTF Datasheet
409Kb / 14P
   Quad Operational Amplifier
November 2014 Rev. 1.1.0
More results

同様の説明 - KA324D

メーカー部品番号データシート部品情報
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com