データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA348D データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 KA348D
部品情報  Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA348D データシート(HTML) 3 Page - Fairchild Semiconductor

  KA348D Datasheet HTML 1Page - Fairchild Semiconductor KA348D Datasheet HTML 2Page - Fairchild Semiconductor KA348D Datasheet HTML 3Page - Fairchild Semiconductor KA348D Datasheet HTML 4Page - Fairchild Semiconductor KA348D Datasheet HTML 5Page - Fairchild Semiconductor KA348D Datasheet HTML 6Page - Fairchild Semiconductor KA348D Datasheet HTML 7Page - Fairchild Semiconductor KA348D Datasheet HTML 8Page - Fairchild Semiconductor KA348D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KA248/KA348
3
Electrical Characteristics
(VCC =15V, VEE= -15V, TA=25
°C, unless otherwise specified)
Note :
1. KA348: 0
≤ TA ≤ +70 °C , KA248: -25 ≤ TA ≤ +85 °C
2. Guaranteed by design.
Parameter
Symbol
Conditions
KA248
KA348
Unit
Min. Typ. Max. Min.
Typ. Max.
Input Offset Voltage
VIO
RS
≤10KΩ
-1
6.0
-
1
6.0
mV
NOTE 1
-
-
7.5
-
-
7.5
Input Offset Current
IIO
-
4
50
-
4
50
nA
NOTE 1
-
-
125
-
-
100
Input Bias Current
IBIAS
-
30
200
-
30
200
nA
NOTE 1
-
-
500
-
-
400
Input Resistance
RI
-
0.8
2.5
-
0.8
2.5
-
M
Supply Current (all Amplifiers)
ICC
-
-
2.4
4.5
-
2.4
4.5
mA
Large Signal Voltage Gain
GV
RL
≥2KΩ
25
160
-
25
160
-
V/mV
NOTE 1
15
-
-
15
-
-
Channel Separation
CS
f = 1KHz to 20KHz
-
120
-
-
120
-
dB
Common Mode Input
Voltage Range
VI(R)
NOTE 1
±12
-
-
±12
-
-
V
Small Signal Bandwidth
BW
GV = 1
-
1.0
-
-
1.0
-
MHz
Phase Margin (Note2)
MPH
GV = 1
-
60
-
-
60
-
Degree
Slew Rate (Note2)
SR
GV = 1
-
0.5
-
-
0.5
-
V/
µs
Output Short Circuit Current
ISC
-
-
25
-
-
25
-
mA
Output Voltage Swing
VO(P-P)
RL
≥10KΩ NOTE 1
±12 ±13
-
±12 ±13
-
V
RL
≥2KΩ±10 ±12
-
±10 ±12
-
Common Mode Rejection Ratio
CMRR
RS
≥10KΩ NOTE 1
70
90
-
70
90
-
dB
Power Supply Rejection Ratio
PSRR
RS
≥10KΩ NOTE 1
77
96
-
77
96
-
dB


同様の部品番号 - KA348D

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KA348D SAMSUNG-KA348D Datasheet
150Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results

同様の説明 - KA348D

メーカー部品番号データシート部品情報
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com