データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA348D データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KA348D
部品情報  Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA348D データシート(HTML) 1 Page - Fairchild Semiconductor

  KA348D Datasheet HTML 1Page - Fairchild Semiconductor KA348D Datasheet HTML 2Page - Fairchild Semiconductor KA348D Datasheet HTML 3Page - Fairchild Semiconductor KA348D Datasheet HTML 4Page - Fairchild Semiconductor KA348D Datasheet HTML 5Page - Fairchild Semiconductor KA348D Datasheet HTML 6Page - Fairchild Semiconductor KA348D Datasheet HTML 7Page - Fairchild Semiconductor KA348D Datasheet HTML 8Page - Fairchild Semiconductor KA348D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• KA741 OP Amp operating characteristics
• Low supply current drain
• Class AB output stage no crossover distortion
• Pin compatible with the KA324 & KA3403
• Low input offset voltage : 1mV Typ.
• Low input offset current : 4nA Typ.
• Low input bias current : 30nA Typ.
• Gain bandwidth (unity gain): 1.0MHz Typ.
• High degree of isolation between amplifiers: 120dB
• Overload protection for inputs and outputs
Description
The KA248/KA348 is a true quad KA741. It consists of four
independent, high gain, internally compensated, low power
operational amplifiers which have been designed to provide
functional characteristics identical to those of the familiar
KA741 operational amplifier. In addition the total supply
current for all four amplifiers is comparable to the supply
current of a single KA741 type OP Amp. Other features
include input offset currents and input bias current which are
much less than those of a standard KA741. Also, excellent
isolation between amplifiers has been achieved by
independently biasing each amplifier and using layout
techniques which minimize thermal coupling.
14-SOP
14-DIP
1
1
Internal Block Diagram
KA248/KA348
Quad Operational Amplifier


同様の部品番号 - KA348D

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KA348D SAMSUNG-KA348D Datasheet
150Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results

同様の説明 - KA348D

メーカー部品番号データシート部品情報
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com