データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA358 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 KA358
部品情報  Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA358 データシート(HTML) 4 Page - Fairchild Semiconductor

  KA358 Datasheet HTML 1Page - Fairchild Semiconductor KA358 Datasheet HTML 2Page - Fairchild Semiconductor KA358 Datasheet HTML 3Page - Fairchild Semiconductor KA358 Datasheet HTML 4Page - Fairchild Semiconductor KA358 Datasheet HTML 5Page - Fairchild Semiconductor KA358 Datasheet HTML 6Page - Fairchild Semiconductor KA358 Datasheet HTML 7Page - Fairchild Semiconductor KA358 Datasheet HTML 8Page - Fairchild Semiconductor KA358 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA258/KA258A, KA358/KA358A, KA2904
4
Electrical Characteristics (Continued)
(VCC = 5.0V, VEE = GND, unless otherwise specified)
The following specification apply over the range of -25
°C ≤ TA ≤ +85°C for the KA258; and the 0 °C ≤ TA ≤ +70°C
for the KA358; and the -40
°C ≤ TA ≤ +85°C for the KA2904
Parameter
Symbol
Conditions
KA258
KA358
KA2904
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Input Offset
Voltage
VIO
VCM = 0V to VCC -1.5V
VO(P) = 1.4V, RS = 0
-
-
7.0
-
-
9.0
-
-
10.0
mV
Input Offset
Voltage
Drift
∆VIO/T RS = 0
-
7.0
-
-
7.0
-
-
7.0
-
µV/°C
Input Offset
Current
IIO
-
-
-
100
-
-
150
-
45
200
nA
Input Offset
Current
Drift
∆IIO/∆T-
-
10
-
-
10
-
-
10
-
pA/
°C
Input Bias
Current
IBIAS
-
-
40
300
-
40
500
-
40
500
nA
Input
Voltage
Range
VI(R)
VCC = 30V
(KA2904,VCC = 26V)
0-
Vcc
-2.0
0-
Vcc
-2.0
0-
Vcc
-2.0
V
Large
Signal
Voltage
Gain
GV
VCC = 15V, RL
=2.0kΩ
VO(P) = 1V to 11V
25
-
-
15
-
-
15
-
-
V/mV
Output
Voltage
Swing
VO(H)
VCC = 30V
(VCC = 26V
for KA2904)
RL = 2k
26
-
-
26
-
-
22
-
-
V
RL = 10k
Ω 27
28
-
27
28
-
23
24
-
V
VO(L)
VCC = 5V, RL
=10kΩ
-
5
20
-
5
20
-
5
20
mV
Output
Current
ISOURCE
VI(+) = 1V, VI(-) = 0V
VCC = 15V, VO(P) = 2V
10
30
-
10
30
-
10
30
-
mA
ISINK
VI(+) = 0V, VI(-) = 1V
VCC = 15V, VO(P) = 2V
58
-
5
9
-
5
9
-
mA
Differential
Input
Voltage
VI(DIFF)
--
-
VCC
--
VCC
--
VCC
V


同様の部品番号 - KA358

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA358 FAIRCHILD-KA358 Datasheet
161Kb / 11P
   Dual Operational Amplifier
logo
ON Semiconductor
KA358 ONSEMI-KA358 Datasheet
250Kb / 13P
   Dual Operat ional Amplifier
10/14/11 Rev. 1.0.4
logo
List of Unclassifed Man...
KA358 ETC2-KA358 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA358A FAIRCHILD-KA358A Datasheet
161Kb / 11P
   Dual Operational Amplifier
logo
ON Semiconductor
KA358A ONSEMI-KA358A Datasheet
250Kb / 13P
   Dual Operat ional Amplifier
10/14/11 Rev. 1.0.4
More results

同様の説明 - KA358

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com