データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA2822BD データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 KA2822BD
部品情報  3-Phase BLDC Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822BD データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button KA2822BD Datasheet HTML 5Page - Fairchild Semiconductor KA2822BD Datasheet HTML 6Page - Fairchild Semiconductor KA2822BD Datasheet HTML 7Page - Fairchild Semiconductor KA2822BD Datasheet HTML 8Page - Fairchild Semiconductor KA2822BD Datasheet HTML 9Page - Fairchild Semiconductor KA2822BD Datasheet HTML 10Page - Fairchild Semiconductor KA2822BD Datasheet HTML 11Page - Fairchild Semiconductor KA2822BD Datasheet HTML 12Page - Fairchild Semiconductor KA2822BD Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
KA2822D
9
Electrical Characteristics
(Ta=25
°C, VCC=5V)
Notes:
Reference value
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
SUPPLY CURRENT
Supply current 1
ICCO
VCC=6.5V
CE=H, RPM=L
-
1.0
2.0
mA
Supply current 2
ICC
VCC=6.5V, CE=L
-
15
23
mA
CHIP ENABLE
Input current
ICE
CE=0~5V
-
5
10
µA
Input low voltageICE1
-
-
-
1.0
V
Input high voltageICEH1
-
3.5
-
-
V
RPM SELECT
Input current
IRPM
CE=0~5V
-
5
10
µA
Input low voltageVRPM1
-
-
-
1.0
V
Input high voltageVRPMH
-
3.5
-
-
V
HALL AMP
Input resistance note
RIN
-1
10
-
k
Common mode input voltage range note
VCOM
-2.0
-
VCC
V
Differential input voltage range note
VDIF
-
100
-
420
mVPP
START-UP
Hall bias voltage 1
VHB1
IH=4mA, CE=L
2.3
2.5
2.7
V
Hall bias voltage 2
VHB2
IH=10mA, CE=L
2.7
2.9
3.1
V
Reference voltageVref
IO=1mA, CE=L
1.7
2.2
2.7
V
Bias off current
IHOFF
VH=7V, CE=H
-
5
10
µA
OUTPUT AMP
Leakage current
ICER
--
0.5
1
mA
Saturation voltage 1
Vsat1
IO=0.35A
-
1.0
1.2
V
Saturation voltage 2
Vsat2
IO=0.7A
-
1.3
1.8
V
BUFFER & CONTROL AMP
Voltage gain 1 note
GCT1
--
−11
-
dB
Reference voltage 1 note
Vref1
Current limiter voltage
0.205
0.208
0.210
V
Reference voltage 2 note
Vref2
Control begin voltage
-
0.69
-
V


同様の部品番号 - KA2822BD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822CDTF FAIRCHILD-KA2822CDTF Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
More results

同様の説明 - KA2822BD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com