データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA3022D3 データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 KA3022D3
部品情報  4-Channel Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3022D3 データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button KA3022D3 Datasheet HTML 4Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 5Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 6Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 7Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 8Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 9Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 10Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 11Page - Fairchild Semiconductor KA3022D3 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
KA3022D/KA3022D3
8
Application Information
1. REFERENCE INPUT & ALL MUTE FUNCTION
Pin 23 (REF) is a reference input pin.
• Reference input
The applied voltage at the reference input pin must be between 1.4V and 6.5V, when VCC=8.5V.
• Mute input
The following input conditions must be satisfied for the normal mute function.
2. PROTECTION FUNCTION
Thermal shutdown (TSD)
• If the chip temperature rises above 175
°C, the thermal shutdown (TSD) circuit is activated and the output circuit is in the
mute state, that is off state. The thermal shutdown(TSD) circuit has a temperature hysteresis of 25
°C
All mute on voltage
Below 1.0V
Mute function operation
All mute off voltage
Above 1.4V
Normal operation


同様の部品番号 - KA3022D3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
KA3021DTF FAIRCHILD-KA3021DTF Datasheet
194Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
KA3027D2TF FAIRCHILD-KA3027D2TF Datasheet
282Kb / 14P
   4-Channel Motor Driver
More results

同様の説明 - KA3022D3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com