データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA3030 データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 KA3030
部品情報  6-Channel Motor Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3030 データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3030 Datasheet HTML 7Page - Fairchild Semiconductor KA3030 Datasheet HTML 8Page - Fairchild Semiconductor KA3030 Datasheet HTML 9Page - Fairchild Semiconductor KA3030 Datasheet HTML 10Page - Fairchild Semiconductor KA3030 Datasheet HTML 11Page - Fairchild Semiconductor KA3030 Datasheet HTML 12Page - Fairchild Semiconductor KA3030 Datasheet HTML 13Page - Fairchild Semiconductor KA3030 Datasheet HTML 14Page - Fairchild Semiconductor KA3030 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
KA3030D
11
5. LOADING, CHANGER DRIVE CIRCUITS
Notes:
VCTL: When the motor speed control voltage is permitted between 0V ~ 4V, the motor varies its speed.
Between 4V ~ 5V, the motor can be used at constant speed and over 5.8V, the motor should not be used.
Furthermore, when VCC = 5V, CTL voltage should not be permitted to exceed 3V
The logic signals, input from the MCU, is inverted in the inverter and can control the changes of the output properties, that
depend on the input signal. There properties are shown in the table below.
Notes:
The bias voltage Vr is expressed as below;
Logic input A
Pin 6, Pin 19
H
H
L
L
Logic input B
Pin 7, Pin 20
H
L
H
L
Output type
Vr
On
On
Vr
Logic output A
Pin 3, Pin 11
H(note)
L
Logic output B
Pin 4, Pin 12
L
H
VCTL
D
LEVEL SHIFT
SPEED
CONTROL
LOGIC
VIN1
VIN2
OUT1
OUT2
M
D
IN
IN
Vr
V
CC
V
BE
2
---------------------------- V
[]
=


同様の部品番号 - KA3030

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA3037 FAIRCHILD-KA3037 Datasheet
385Kb / 23P
   7-CH Motor Driver
KA3038 FAIRCHILD-KA3038 Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
More results

同様の説明 - KA3030

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
FAN8038B FAIRCHILD-FAN8038B Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA9259HD FAIRCHILD-KA9259HD Datasheet
616Kb / 16P
   5-Channel Motor Drive IC
FAN8038C FAIRCHILD-FAN8038C Datasheet
405Kb / 16P
   4-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
   6 channel LED drive IC
logo
Fairchild Semiconductor
KA7405D FAIRCHILD-KA7405D Datasheet
182Kb / 12P
   2-Channel DC Motor Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com