データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA3082B データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 KA3082B
部品情報  Bi-Directional DC Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3082B データシート(HTML) 5 Page - Fairchild Semiconductor

  KA3082B Datasheet HTML 1Page - Fairchild Semiconductor KA3082B Datasheet HTML 2Page - Fairchild Semiconductor KA3082B Datasheet HTML 3Page - Fairchild Semiconductor KA3082B Datasheet HTML 4Page - Fairchild Semiconductor KA3082B Datasheet HTML 5Page - Fairchild Semiconductor KA3082B Datasheet HTML 6Page - Fairchild Semiconductor KA3082B Datasheet HTML 7Page - Fairchild Semiconductor KA3082B Datasheet HTML 8Page - Fairchild Semiconductor KA3082B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
KA3082
5
Absolute Maximum Ratings (Ta=25
°°°°C)
Note:
1. Duty 1 / 100, pulse width 500
µs
2. 1) When mounted on glass epoxy PCB (76.2
× 114 × 1.57mm)
2) Power dissipation reduces 9.6mV /
°C for using above Ta=25°C.
3) Do not exceed Pd and SOA(Safe Operating Area).
Power Dissipation Curve
Recommened Operating Conditions (Ta=25
°°°°C)
Note:
Caution 1) PVCC
≤ SVCC
Caution 2) When PVCC is above 16V, the VCTL must be opened or 8.5
≤ VCTL ≤ PVCC
Parameter
Symbol
Value
Unit
Remark
Supply Voltage
VCCmax
18
V
-
Maxium Output Current
IOmax
1.6note1
A-
Power Dissipation
Pd
1.2note2
W-
Operating Temperature
TOPR
-25 ~ +75
°C-
Storage Temperature
TSTG
-55 ~ +125
°C-
Parameter
Symbol
Operating voltage range
Unit
Operating Supply Voltage
SVCC,PVCC
7 ~ 18
V
1, 200
0
0
25
50
75
100
125
Pd (mW)
Ambient temperature, Ta [
°C]
SOA
150
15


同様の部品番号 - KA3082B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KA3082 ETC2-KA3082 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3082N FAIRCHILD-KA3082N Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
More results

同様の説明 - KA3082B

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA3084D FAIRCHILD-KA3084D Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
FAN8082 FAIRCHILD-FAN8082 Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
logo
Interpion semiconductor
IP8082BL INTERPION-IP8082BL Datasheet
186Kb / 7P
   Bi-directional DC Motor Driver
JAN 2007
logo
Fairchild Semiconductor
KA8301L FAIRCHILD-KA8301L Datasheet
399Kb / 12P
   Bi-Directional DC Motor Driver
KA8301 FAIRCHILD-KA8301 Datasheet
393Kb / 13P
   Bi-Directional DC Motor Driver
FAN8082D FAIRCHILD-FAN8082D Datasheet
95Kb / 12P
   Bi-directional DC Motor Driver
logo
Elite Enterprises (H.K....
EMD811 ELITE-EMD811 Datasheet
98Kb / 3P
   BI-DIRECTIONAL DC MOTOR DRIVER
logo
List of Unclassifed Man...
AT5608 ETC-AT5608 Datasheet
206Kb / 7P
   Bi-directional Motor Driver
logo
Aimtron Technology
AT5609 AIMTRON-AT5609 Datasheet
174Kb / 5P
   Bi-directional Motor Driver
logo
Mitsubishi Electric Sem...
M54542L MITSUBISHI-M54542L Datasheet
149Kb / 3P
   BI-DIRECTIONAL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com