データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA311 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KA311
部品情報  Single Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA311 データシート(HTML) 1 Page - Fairchild Semiconductor

  KA311 Datasheet HTML 1Page - Fairchild Semiconductor KA311 Datasheet HTML 2Page - Fairchild Semiconductor KA311 Datasheet HTML 3Page - Fairchild Semiconductor KA311 Datasheet HTML 4Page - Fairchild Semiconductor KA311 Datasheet HTML 5Page - Fairchild Semiconductor KA311 Datasheet HTML 6Page - Fairchild Semiconductor KA311 Datasheet HTML 7Page - Fairchild Semiconductor KA311 Datasheet HTML 8Page - Fairchild Semiconductor KA311 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Low input bias current : 250nA (Max)
• Low input offset current : 50nA (Max)
• Differential Input Voltage :
±30V
• Power supply voltage : single 5.0V supply to
±15V.
• Offset voltage null capability.
• Strobe capability.
Description
The KA311 series is a monolithic, low input current voltage
comparator. The device is also designed to operate from dual
or single supply voltage.
8-DIP
8-SOP
1
1
Internal Block Diagram
KA311
Single Comparator


同様の部品番号 - KA311

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KA311 SAMSUNG-KA311 Datasheet
92Kb / 4P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311 Datasheet
396Kb / 8P
   Single Comparator
logo
Samsung semiconductor
KA311D SAMSUNG-KA311D Datasheet
92Kb / 4P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
KA311DTF FAIRCHILD-KA311DTF Datasheet
396Kb / 8P
   Single Comparator
KA311 FAIRCHILD-KA311_05 Datasheet
396Kb / 8P
   Single Comparator
More results

同様の説明 - KA311

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311_05 Datasheet
396Kb / 8P
   Single Comparator
logo
Toshiba Semiconductor
TC75S58F TOSHIBA-TC75S58F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Samsung semiconductor
KA311 SAMSUNG-KA311 Datasheet
92Kb / 4P
   SINGLE COMPARATOR
logo
First Silicon Co., Ltd
FA393SOT FS-FA393SOT Datasheet
343Kb / 3P
   Single Comparator
logo
Toshiba Semiconductor
TC75S59F TOSHIBA-TC75S59F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
LM311 FAIRCHILD-LM311 Datasheet
99Kb / 10P
   Single Comparator
logo
Mitsubishi Electric Sem...
M5239L MITSUBISHI-M5239L Datasheet
80Kb / 3P
   SINGLE COMPARATOR
logo
New Japan Radio
NJM2406 NJRC-NJM2406 Datasheet
155Kb / 5P
   SINGLE COMPARATOR
logo
Toshiba Semiconductor
TA7523AS TOSHIBA-TA7523AS Datasheet
239Kb / 7P
   SINGLE COMPARATOR
TC75S57F TOSHIBA-TC75S57F Datasheet
252Kb / 7P
   SINGLE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com