データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA3524 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 KA3524
部品情報  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3524 データシート(HTML) 4 Page - Fairchild Semiconductor

  KA3524 Datasheet HTML 1Page - Fairchild Semiconductor KA3524 Datasheet HTML 2Page - Fairchild Semiconductor KA3524 Datasheet HTML 3Page - Fairchild Semiconductor KA3524 Datasheet HTML 4Page - Fairchild Semiconductor KA3524 Datasheet HTML 5Page - Fairchild Semiconductor KA3524 Datasheet HTML 6Page - Fairchild Semiconductor KA3524 Datasheet HTML 7Page - Fairchild Semiconductor KA3524 Datasheet HTML 8Page - Fairchild Semiconductor KA3524 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA3524
4
Application Information
Voltage Reference
An internal series regulator provides a nominal 5 volt output which is used both to generate a reference voltage and is
the regulated source for all the internal timing and controlling circuitry. This regulator may be bypassed for operation
from a fixed 5 volt supply by connecting pins 15 and 16 together to the input voltage. In this configuration, the maximum
input voltage is 6.0 volts.
This reference regulator may be used as a 5 volt source for other circuitry. It will provide up to 50mA of current itself
and can easily be expanded to higher current with an external PNP as shown in Figure 2.
Expanded Reference Current Capability
Oscillator
The oscillator in the KA3524 uses an external resistor (RT) to establish a constant charging current into an external capacitor
(CT), While this uses more current than a series connected PC, it provides a linear ramp voltage on the capacitor which is also
used as a reference for the comparator. The charging current is equal to 3.6V/RT and should be kept within the range of
approximately 30uA to 2mA, i.e., 1.8K< RT <100K. The range of values for CT also has limits as the discharge time of Ct
determines the pulse width of the oscillator output pulse. This pulse is used (among other things) as a blanking pulse to both
outputs to insure that there is no possibility of having both outputs on simultaneously during transitions. This output dead time
relationship is shown in Figures. A pulse width below approximately 0.5 microseconds may allow false triggering of one out-
put by removing he blanking pulse prior to the flip-flops reaching a stable state. If small values of CT must be used, the pulse
width may still be expanded by adding a shunt capacitance (= 100pF) to ground at the oscillator output. (Note: Although the
oscillator output is a convenient oscilloscope sync input, the cable and input capacitance may increase the blanking pulse
width slightly.) Obviously, the upper limit of the pulse width is determined by the maximum duty cycle acceptable. Practical
values of CT fall between 0.01 and0.1 micro farad. The oscillator period is approximately t = RTCT where t is in microsec-
onds when RT ohms and CT = micro farads. The selection of RT and CT can be made for a wide range of operating frequen-
cies by using Fig. 7. Note that for sense regulator applications, the two outputs can be connected in parallel for an effective 0-
90% duty cycle and the frequency of the oscillator is the frequency of the output. For push-pull applications, the outputs are
separated and the flip-flop divides the frequency such that each output duty cycle is 0-45% and the overall frequency is one-
half that of the oscillator.
External Synchronization
If It is desired to synchronize the KA3524 to an external clock, a pulse of +3 volts may be applied to the oscillator output
terminal with RTCT set slightly greater than the clock period. The same considerations of pulse width apply. The impedance to
ground at this point is approximately 2K ohms. If two or more KA3524s must be synchronized together, one must be desig-
nated as the master with its RTCT set for the correct period. The slaves should each have an RTCT set for an approximately
10% longer period than the master with the added requirement that CT (slave) = one-half CT (master). Then connecting Pin 3
on all units together will insure that the master output pulse-which occurs first and has a wider pulse width - will reset the
slave units.


同様の部品番号 - KA3524

メーカー部品番号データシート部品情報
logo
ON Semiconductor
KA3525 ONSEMI-KA3525 Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
logo
Fairchild Semiconductor
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
logo
List of Unclassifed Man...
KA3525A ETC2-KA3525A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3525AD FAIRCHILD-KA3525AD Datasheet
78Kb / 5P
   SMPS CONTROLLER
More results

同様の説明 - KA3524

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com