データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8352 データシート(PDF) 3 Page - Analog Devices

部品番号 AD8352
部品情報  Using the AD8352 as an Ultralow Distortion Differential RF/IF Front End for High Speed ADCs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8352 データシート(HTML) 3 Page - Analog Devices

  AD8352 Datasheet HTML 1Page - Analog Devices AD8352 Datasheet HTML 2Page - Analog Devices AD8352 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Circuit Note
CN-0046
Rev. A | Page 3 of 3
COMMON VARIATIONS
Placing antialiasing filters between the ADC and the amplifier
is a common approach for improving overall noise and
broadband distortion performance for both band-pass and low-
pass applications. For high frequency filtering, matching to the
filter is required. The AD8352 maintains a 100 Ω output
impedance well beyond most applications and is well-suited
to drive most filter configurations with little or no
degradation in distortion.
The AD8352 low distortion differential amplifier can be
replaced by the high IP3, low noise figure AD8375 variable gain
amplifier (VGA). The AD8375 is a digitally controlled, variable
gain, wide bandwidth amplifier that provides precise gain
control across a broad 24 dB gain range, with 1 dB resolution.
The AD8376 is a dual version of the AD8375. (See Circuit Note
CN-0002, Using the AD8376 VGA to Drive Wide Bandwidth
ADCs for High IF AC-Coupled Applications.)
LEARN MORE
CN-0002 Circuit Note, Using the AD8376 VGA to Drive Wide
Bandwidth ADCs for High IF AC-Coupled Applications.
Analog Devices.
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of AGND and DGND. Analog Devices.
MT-073 Tutorial, High Speed Variable Gain Amplifiers (VGAs).
Analog Devices.
MT-075 Tutorial, Differential Drivers for High Speed ADCs
Overview. Analog Devices.
MT-101 Tutorial, Decoupling Techniques. Analog Devices.
Data Sheets
AD8352 Data Sheet.
AD8375 Data Sheet.
AD8376 Data Sheet.
AD9445 Data Sheet.
AD9445 Evaluation Board.
High Speed ADC Evaluation Kits and Evaluation Boards.
REVISION HISTORY
8/09—Rev. 0 to Rev. A
Updated Format ................................................................. Universal
10/08—Revision 0: Initial Version
(Continued from first page) "Circuits from the Lab" are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you may
use the "Circuits from the Lab" in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by application or use of
the "Circuits from the Lab". Information furnished by Analog Devices is believed to be accurate and reliable. However, "Circuits from the Lab" are supplied "as is" and without warranties of any
kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular purpose and no responsibility is assumed
by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices reserves the right to change any "Circuits
from the Lab" at any time without notice, but is under no obligation to do so. Trademarks and registered trademarks are the property of their respective owners.
©2008–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN08446-0-8/09(A)


同様の部品番号 - AD8352

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
AD8352 AD-AD8352 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
AD8352 AD-AD8352 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352-EVAL AD-AD8352-EVAL Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
More results

同様の説明 - AD8352

メーカー部品番号データシート部品情報
logo
Analog Devices
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
ADL5562 AD-ADL5562_17 Datasheet
560Kb / 21P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
ADL5561 AD-ADL5561_17 Datasheet
760Kb / 25P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com