データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA556D データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 KA556D
部品情報  Dual Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA556D データシート(HTML) 3 Page - Fairchild Semiconductor

  KA556D Datasheet HTML 1Page - Fairchild Semiconductor KA556D Datasheet HTML 2Page - Fairchild Semiconductor KA556D Datasheet HTML 3Page - Fairchild Semiconductor KA556D Datasheet HTML 4Page - Fairchild Semiconductor KA556D Datasheet HTML 5Page - Fairchild Semiconductor KA556D Datasheet HTML 6Page - Fairchild Semiconductor KA556D Datasheet HTML 7Page - Fairchild Semiconductor KA556D Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KA556
3
Electrical Characteristics
(TA = 25
°C, VCC = 5 ~ 15V, unless otherwise specified)
Notes:
*1. Supply current when output is high is typically 1.0mA less at VCC = 5V
*2. Tested at VCC = 5V and VCC = 15V
*3. This will determine the maximum value of RA + RB for 15V operation.
The maximum total R = 20M
Ω, and for 5V operation the maximum total R = 6.6MΩ.
*4. Matching characteristics refer to the difference between performance characteristics of each timer section in the monostable
mode.
*5. As reset voltage lowers, timing is inhibited and then the output goes low.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
-4.5
-
16
V
Supply Current *1(two timers)
(low state)
ICC
VCC = 5V, RL =
VCC = 15V, RL =
-
5
16
12
30
mA
mA
Timing Error *2(monostable)
Initial Accuracy
Drift with Temperature
Drift with Supply Voltage
ACCUR
∆t/∆T
∆t/∆VCC
RA = 2K
Ω to 100KΩ
C = 0.1
µF
T = 1.1RC
-
0.75
50
0.1
-
%
ppm/
°C
%/V
Control Voltage
VC
VCC = 15V
9.0
10.0
11.0
V
VCC = 5V
2.6
3.33
4.0
V
Threshold Voltage
VTH
VCC = 15V
8.8
10.0
11.2
V
VCC = 5V
2.4
3.33
4.2
V
Threshold Current*3
ITH
-
-
30
250
nA
Trigger Voltage
VTR
VCC = 15V
4.5
5.0
5.6
V
VCC = 5V
1.1
1.6
2.2
V
Trigger Current
ITR
VTR = 0V
-
0.01
2.0
µA
Reset Voltage*5
VRST
-
0.4
0.6
1.0
V
Reset Current
IRST
-
-
0.03
0.6
mA
Low Output Voltage
VOL
VCC = 15V
ISINK = 10mA
ISINK = 50mA
ISINK = 100mA
ISINK = 200mA
VCC = 5V
ISINK = 8mA
ISINK = 5mA
-
0.1
0.4
2.0
2.5
0.25
0.15
0.25
0.75
3.2
0.35
0.25
V
V
High Output Voltage
VOH
VCC = 15V
ISOURCE = 200mA
ISOURCE = 100mA
12.75
12.5
13.3
-V
VCC = 5V
ISOURCE = 100mA
2.75
3.3
-
V
Rise Time of Output
tR
-
-
100
300
ns
Fall Time of Output
tF
-
-
100
300
ns
Discharge Leakage Current
ILKG
-
-
10
100
nA
Matching Characteristics*4
Initial Accuracy
Drift with Temperature
Drfit with Supply Voltage
ACCUR
∆t/∆T
∆t/∆VCC
--
1.0
10
0.2
2.0
0.5
%
ppm/
°C
%/V
Timing Error (astable)*2
Initial Accuracy
Drift with Temperature
Drift with Supply Voltage
ACCUR
∆t/∆T
∆t/∆Vcc
VCC = 15V
RA,RB = 1K
Ω to 100KΩ
C = 0.1
µF
-
2.25
150
0.3
-
%
ppm/
°C
%/V


同様の部品番号 - KA556D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA5532 FAIRCHILD-KA5532 Datasheet
73Kb / 6P
   Dual Operational Amplifier
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
156Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
More results

同様の説明 - KA556D

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
   DUAL TIMER
logo
Texas Instruments
LM556 TI1-LM556_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
   DUAL TIMER
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
logo
Texas Instruments
LM556 TI1-LM556 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
logo
New Japan Radio
NJM556 NJRC-NJM556 Datasheet
200Kb / 5P
   DUAL TIMER
logo
Unisonic Technologies
UTCLM556 UTC-UTCLM556 Datasheet
49Kb / 3P
   DUAL TIMER
UTCNE556 UTC-UTCNE556 Datasheet
49Kb / 3P
   DUAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com