データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA723D データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 KA723D
部品情報  Precision Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA723D データシート(HTML) 2 Page - Fairchild Semiconductor

  KA723D Datasheet HTML 1Page - Fairchild Semiconductor KA723D Datasheet HTML 2Page - Fairchild Semiconductor KA723D Datasheet HTML 3Page - Fairchild Semiconductor KA723D Datasheet HTML 4Page - Fairchild Semiconductor KA723D Datasheet HTML 5Page - Fairchild Semiconductor KA723D Datasheet HTML 6Page - Fairchild Semiconductor KA723D Datasheet HTML 7Page - Fairchild Semiconductor KA723D Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KA723
2
Absolute Maximum Ratings
Electrical Characteristics
(Unless otherwise specified, TA = 25°C, VIN =V
+= VC = 12V, V-=O,VOUT = 5V, IL =1mA, RSC = 0, CI = 100pF, CREF=0 and
divider impedance as seen by error amplifier
≤10KΩ connected as shown in figure 1)
Notes:
1.Line and load regulation specifications are given for the condition of constant chip temperature.
2.Temperature drifts must be taken into account separately for hith dissipation conditions.
Parameter
Symbol
Value
Unit
Pulse Voltage from V+ to V- (50ms)
VI(P)
50
VPEAK
Continuous Voltage from V+ to V-
VI
40
V
Input-Output Voltage Differential
VI - VO
40
V
Maximum Output Current
IO
150
mA
Differential Input Voltage
VID
±5
V
Voltage Between Non-Inverting Input and V-
VIE
8V
Current from VZ
IZ
25
mA
Current from VREF
IREF
15
mA
Power Dissipation
PD
1000
mV
Operating Temperature Range
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ + 150
°C
Parameter
Symbol
Conditions
Min
Typ.
Max.
Unit
Line Regulation
∆VO
VI = 12V to 15V
VI = 12V to 40V
-
0.01
0.1
0.1
0.5
%
TMIN
≤TA≤TMAX
VI = 12V to 15V
--
0.3
Load Regulation
IO = 1mA to 50mA
-
0.03
0.2
%
∆VO
TMIN
≤T≤TMAX
IO = 1 to 50mA
--
0.6
Ripple Rejection
dB
f = 100Hz to 10KHz,CREF =0
-
74
-
dB
f = 100Hz to 10KHz,CREF =5
µF-
86
-
Average Temperature Coefficient of
Output Voltage
∆VO/∆TTMIN ≤T≤TMAX
-
0.003 0.015
%/
°C
Short Circuit Current Limit
ISC
RSC = 10
Ω, VO = 0
-
65
-
mA
Reference Voltage
VREF
-
6.80
7.15
7.50
V
Output Noise Voltage
VN
f = 100Hz to 10KHz, CREF = 0
-
20
-
µVms
f = 100Hz to 10KHz, CREF=5
µF-
2.5
-
Long-term Stability
ST
-
-
0.1
-
%/
1000HR
Standby Current Drain
ID
IL = 0, VI = 30V
-
2.0
4.0
mA
Input Voltage Range
VI
-9.5
-
40
V
Output Voltage Range
VO
-2.0
-
37
V
Input-Output Voltage Differential
VD
-3.0
-
38
V


同様の部品番号 - KA723D

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KA7226 SAMSUNG-KA7226 Datasheet
285Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
More results

同様の説明 - KA723D

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
   Precision Voltage Regulator
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
logo
Microsemi Corporation
SG723 MICROSEMI-SG723 Datasheet
88Kb / 4P
   PRECISION VOLTAGE REGULATOR
SG723 MICROSEMI-SG723_1 Datasheet
306Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Analog Devices
ADP3310 AD-ADP3310 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
logo
Seiko Instruments Inc
S-812XXSG SII-S-812XXSG Datasheet
1Mb / 31P
   HIGH-PRECISION VOLTAGE REGULATOR
logo
Analog Devices
ADP3310 AD-ADP3310_15 Datasheet
319Kb / 8P
   Precision Voltage Regulator Controller
REV. B
logo
Seiko Instruments Inc
S-813 SII-S-813 Datasheet
1Mb / 31P
   HIGH-PRECISION VOLTAGE REGULATOR?
logo
Jingjing Microelectroni...
EG431 EGMICRO-EG431 Datasheet
546Kb / 13P
   Precision adjustable voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com