データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

30030 データシート(PDF) 6 Page - Tyco Electronics

部品番号 30030
部品情報  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

30030 データシート(HTML) 6 Page - Tyco Electronics

Back Button 30030 Datasheet HTML 2Page - Tyco Electronics 30030 Datasheet HTML 3Page - Tyco Electronics 30030 Datasheet HTML 4Page - Tyco Electronics 30030 Datasheet HTML 5Page - Tyco Electronics 30030 Datasheet HTML 6Page - Tyco Electronics 30030 Datasheet HTML 7Page - Tyco Electronics 30030 Datasheet HTML 8Page - Tyco Electronics 30030 Datasheet HTML 9Page - Tyco Electronics 30030 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
240 Series DIN Panel Meters
19
Temperature Indicators
Longscale Indicators to read temperature values, usually remotely with RTD or
thermocouple sensors supplied by the customer. RTD (Resistance Temperature
Detector) indicators measure the change in resistance of the sensor. A 2 or 3 wire
system may be used. Thermocouple indicators accept standard millivolt input
signals. Cold junction compensation is provided and thermocouple break indication
is incorporated.
Specification
Accuracy:
Class 1.5 - Indicator only. RTD indicator suitable for
10
Ω copper 100Ω platinum, 100 & 120Ω nickel sensors
Power in RTD is 100µW approximately. Thermocouple
indicator suitable for J (0-700°C), K (0-1200°C)
50
Ω maximum Circuit Resistance.
Auxiliary Supply:
Model 45R: from 63.5V to 480V A.C. at 50/60Hz
Model 45T: 110, 115, 220, 240, 380, 400, 480V A.C.
and 12, 24, 48, 110, 125V D.C.
Burden:
-45R 2VA, -45T 3VA
Product Codes
Bezel Size mm
96
144
Scale length mm
150
230
Product Codes
RTD
244-45R
246-45R
Thermocouple
244-45T
246-45T
Process Indicators
Used to check process functions locally or remotely at centralised controls. These
moving coil instruments offer a wide variety of electrical and mechanical readouts
operated by transducer, tachogenerator, thermocouple, resistance bulb or other D.C.
analogue signals. Suppressed, centre and offset zero models are available on request.
Specification
Accuracy:
Class 1.5
Ratings:
1, 2, 5, 10 & 20mA. 4/20mA suppressed zero.
Burden:
See our technical data sheet T118.
Product Codes – Short Scale Models
Bezel Size mm
48
72
96
144
Scale length mm
42
65
94
145
Product Codes
A.C. Current
242-89A
243-01A
244-01A
246-10A
A.C. Voltage
242-89V
243-01V
244-01V
246-10V
Speed
242-892
243-012
244-012
246-102
Frequency
242-893
243-013
244-013
246-103
Phase Angle
242-894
243-014
244-014
246-104
Watts
242-895
243-015
244-015
246-105
VArs
242-896
243-016
244-016
246-106
VA
242-897
243-017
244-017
246-107
Product Codes – Long Scale Models
Bezel Size mm
48
72
96
144
Scale length mm
72
112
150
230
Product Codes
A.C. Current
242-05A
243-05A
244-05A
246-05A
A.C. Voltage
242-05V
243-05V
244-05V
246-05V
Speed
242-052
243-052
244-052
246-052
Frequency
242-053
243-053
244-053
246-053
Phase Angle
242-054
243-054
244-054
246-054
Watts
242-055
243-055
244-055
246-055
VArs
242-056
243-056
244-056
246-056
VA
242-057
243-057
244-057
246-057
Connections
Thermocouple Indicators -45TG
RTD Indicators -45RG
Connections


同様の部品番号 - 30030

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
30030-23 NSC-30030-23 Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
logo
PHOENIX CONTACT
3003000 PHOENIX-3003000 Datasheet
38Kb / 1P
   EBL 1/3-5 METALL
3003017 PHOENIX-3003017 Datasheet
116Kb / 5P
   UK 4
logo
Molex Electronics Ltd.
300302B MOLEX1-300302B Datasheet
306Kb / 5P
   5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 2 Circuits, Tin (Sn) Plating, Pin Length 23.80mm (.937")
300302B MOLEX11-300302B Datasheet
74Kb / 2P
   KK짰 Header, Vertical, Round Pin, 2 Circuits, Tin (Sn) Plating, Pin Length 23.80mm
More results

同様の説明 - 30030

メーカー部品番号データシート部品情報
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com