データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA7526D データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KA7526D
部品情報  Power Factor Correction Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7526D データシート(HTML) 1 Page - Fairchild Semiconductor

  KA7526D Datasheet HTML 1Page - Fairchild Semiconductor KA7526D Datasheet HTML 2Page - Fairchild Semiconductor KA7526D Datasheet HTML 3Page - Fairchild Semiconductor KA7526D Datasheet HTML 4Page - Fairchild Semiconductor KA7526D Datasheet HTML 5Page - Fairchild Semiconductor KA7526D Datasheet HTML 6Page - Fairchild Semiconductor KA7526D Datasheet HTML 7Page - Fairchild Semiconductor KA7526D Datasheet HTML 8Page - Fairchild Semiconductor KA7526D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 5.0
Features
• Internal Startup Timer
• Internal R/C filter which eliminates the Need for an
External R/C filter
• Overvoltage Comparator eliminates Runaway Output
Voltage
• Zero Current Detector
• One Quadrant Multiplier
• Trimmed 1.5% Internal Bandgap Reference
• Under Voltage Lock Out with 5V of Hysteresis
• Totem Pole Output with High State Clamp
• Low Startup and Operating Current
• 8-Pin DIP or 8-Pin SOP
Applications
• Electronic Ballast
•SMPS
Descriptions
The KA7526 provides simple and high performance active
power factor correction. KA7526 is optimized for electronic
ballast and low power, high density power supplies requiring
a minimum board area, reduced component count and low
power dissipation. Addition of internal R/C filter eliminates
the need for an external R/C filter. Internal clamping of the
error amplifier and multiplier outputs improves turn on over-
shoot characteristics and current limiting. Special circuitry
has also been added to prevent no load runaway conditions.
The output drive clamping circuit limits overshoot of the
power MOSFET gate drive Independent of supply voltage,
so that it greatly enhance the system reliability.
KA7526
Power Factor Correction Controller
8-DIP
8-SOP
1
1


同様の部品番号 - KA7526D

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
KA7524 UTC-KA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
Fairchild Semiconductor
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7524BD FAIRCHILD-KA7524BD Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA75250 FAIRCHILD-KA75250 Datasheet
48Kb / 8P
   Voltage Detector
KA75250M FAIRCHILD-KA75250M Datasheet
48Kb / 8P
   Voltage Detector
More results

同様の説明 - KA7526D

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com