データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT4066BQ データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74HCT4066BQ
部品情報  Quad single-pole single-throw analog switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4066BQ データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT4066BQ Datasheet HTML 6Page - NXP Semiconductors 74HCT4066BQ Datasheet HTML 7Page - NXP Semiconductors 74HCT4066BQ Datasheet HTML 8Page - NXP Semiconductors 74HCT4066BQ Datasheet HTML 9Page - NXP Semiconductors 74HCT4066BQ Datasheet HTML 10Page - NXP Semiconductors 74HCT4066BQ Datasheet HTML 11Page - NXP Semiconductors 74HCT4066BQ Datasheet HTML 12Page - NXP Semiconductors 74HCT4066BQ Datasheet HTML 13Page - NXP Semiconductors 74HCT4066BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
74HC_HCT4066
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 2 April 2013
10 of 25
NXP Semiconductors
74HC4066; 74HCT4066
Quad single-pole single-throw analog switch
[4]
toff is the same as tPZH and tPZL.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi + {(CL +Csw)  VCC2  fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
{(C
L +Csw)  VCC
2
 f
o} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
[1]
Typical values are measured at Tamb = 25 C.
[2]
tpd is the same as tPHL and tPLH.
[3]
ton is the same as tPHZ and tPLZ.
[4]
toff is the same as tPZH and tPZL.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi + {(CL +Csw)  VCC2  fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
{(C
L +Csw)  VCC
2
 f
o} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
Table 10.
Dynamic characteristics 74HCT4066
GND = 0 V; tr = tf = 6 ns; CL = 50 pF unless specified otherwise; for test circuit see Figure 12.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
nY to nZ or nZ to nY; RL =  ;
see Figure 10
[2]
VCC = 4.5 V
-
3
15
-
18
ns
toff
turn-off time
nE to nY or nZ; see Figure 11
[4]
VCC = 4.5 V
-
20
44
-
53
ns
VCC = 5.0 V; CL = 15 pF
-
16
-
-
-
ns
ton
turn-on time
nE to nY or nZ; see Figure 11
[3]
VCC = 4.5 V
-
12
30
-
36
ns
VCC = 5.0 V; CL = 15 pF
-
12
-
-
-
ns
CPD
power dissipation
capacitance
per switch;
VI =GND to (VCC  1.5 V)
[5]
-12-
-
-
pF


同様の部品番号 - 74HCT4066BQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT4066BQ PHILIPS-74HCT4066BQ Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
74HCT4066BQ NXP-74HCT4066BQ Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HCT4066BQ NEXPERIA-74HCT4066BQ Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HCT4066BQ-Q100 NEXPERIA-74HCT4066BQ-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HCT4066BQ-Q100 NEXPERIA-74HCT4066BQ-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
More results

同様の説明 - 74HCT4066BQ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
logo
NXP Semiconductors
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
logo
NXP Semiconductors
74HCT4066D-T NXP-74HCT4066D-T Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com