データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT125PW データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74ABT125PW
部品情報  Quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT125PW データシート(HTML) 4 Page - NXP Semiconductors

  74ABT125PW Datasheet HTML 1Page - NXP Semiconductors 74ABT125PW Datasheet HTML 2Page - NXP Semiconductors 74ABT125PW Datasheet HTML 3Page - NXP Semiconductors 74ABT125PW Datasheet HTML 4Page - NXP Semiconductors 74ABT125PW Datasheet HTML 5Page - NXP Semiconductors 74ABT125PW Datasheet HTML 6Page - NXP Semiconductors 74ABT125PW Datasheet HTML 7Page - NXP Semiconductors 74ABT125PW Datasheet HTML 8Page - NXP Semiconductors 74ABT125PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74ABT125_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 27 April 2010
4 of 15
NXP Semiconductors
74ABT125
Quad buffer; 3-state
9.
Static characteristics
[1]
This parameter is valid for any VCC between 0 V and 2.1 V, with a transition time of up to 10 ms. From VCC = 2.1 V to VCC = 5 V ± 10 %,
a transition time of up to 100
μs is permitted.
[2]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[3]
This is the increase in supply current for each input at 3.4 V.
Table 6.
Static characteristics
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
VIK
input clamping voltage VCC = 4.5 V; IIK = −18 mA
-
−0.9
−1.2
-
−1.2
V
VOH
HIGH-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOH = −3 mA
2.5
2.9
-
2.5
-
V
VCC = 5.0 V; IOH = −3 mA
3.0
3.4
-
3.0
-
V
VCC = 4.5 V; IOH = −32 mA
2.0
2.4
-
2.0
-
V
VOL
LOW-level output
voltage
VCC = 4.5 V; IOL =64mA;
VI =VIL or VIH
-
0.35
0.55
-
0.55
V
II
input leakage current
VCC = 5.5 V; VI =GND or 5.5V
-
±0.01 ±1.0
-
±1.0
μA
IOFF
power-off leakage
current
VCC = 0.0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100
μA
IO(pu/pd)
power-up/power-down
output current
VCC = 2.1 V; VO =0.5 V;
VI =GND or VCC; OE = don’t care
[1]
-
±5.0
±50
-
±50
μA
IOZ
OFF-state output
current
VCC = 5.5 V; VI = VIL or VIH
VO = 2.7 V
-
1.0
50
-
50
μA
VO = 0.5 V
-
−1.0
−50
-
−50
μA
ILO
output leakage current HIGH-state; VO =5.5 V;
VCC =5.5 V; VI =GND or VCC
-5.0
50
-
50
μA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[2]
−50
−100 −180
−50
−180
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
65
250
-
250
μA
outputs LOW-state
-
12
15
-
30
mA
outputs disabled
-
65
250
-
50
μA
ΔI
CC
additional supply
current
per control pin; VCC = 5.5 V;
one control input at 3.4 V, other
inputs at VCC or GND
[3]
outputs enabled
-
0.5
1.5
-
1.5
mA
outputs disabled
-
50
250
-
250
mA
one enable input at 3.4 V and other
inputs at VCC or GND; outputs
disabled
-
0.5
1.5
-
1.5
mA
CI
input capacitance
VI = 0 V or VCC
-4-
-
-
pF
CO
output capacitance
outputs disabled; VO =0 V or VCC
-7-
-
-
pF


同様の部品番号 - 74ABT125PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT125PW PHILIPS-74ABT125PW Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT125PW NEXPERIA-74ABT125PW Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125PWDH PHILIPS-74ABT125PWDH Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results

同様の説明 - 74ABT125PW

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com