データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA75290M データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 KA75290M
部品情報  Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA75290M データシート(HTML) 2 Page - Fairchild Semiconductor

  KA75290M Datasheet HTML 1Page - Fairchild Semiconductor KA75290M Datasheet HTML 2Page - Fairchild Semiconductor KA75290M Datasheet HTML 3Page - Fairchild Semiconductor KA75290M Datasheet HTML 4Page - Fairchild Semiconductor KA75290M Datasheet HTML 5Page - Fairchild Semiconductor KA75290M Datasheet HTML 6Page - Fairchild Semiconductor KA75290M Datasheet HTML 7Page - Fairchild Semiconductor KA75290M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KA75XXX
2
Absolute Maximum Rating (TA=25
°°°°C)
Electrical Characteristics (TA=25
°°°°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
Vcc
0.3 ~ +15.0
V
Detecting Voltage
VDET
2.5/2.7/2.9/3.1
3.3/3.6/3.9/4.2/4.5
V
Hysteresis Voltage
VHYS
50
mV
Operating Temperature
TOPR
-25 ~ +85
°C
Storage Temperature
TSTG
-50 ~ +150
°C
Power Dissipation
TO-92
SOT-89
PD
200
500
mW
Detecting Voltage Temperature Coefficient
∆VDET/∆TRL = 200Ω, +0.01
%/
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Detecting Voltage
VDET
KA75250
KA75270
KA75290
KA75310
KA75330
KA75360
KA75390
KA75420
KA75450
2.35
2.55
2.75
2.95
3.15
3.45
3.75
4.05
4.35
2.5
2.7
2.9
3.1
3.3
3.6
3.9
4.2
4.5
2.65
2.85
3.05
3.25
3.45
3.75
4.05
4.35
4.65
V
Low Output Voltage
VOL
RL = 200
--
0.4
V
Output Leakage Current
ILKG
VCC = 15V
-
-
0.1
uA
Hysteresis Voltage
VHYS
RL = 200
30
50
100
mV
Detecting Voltage Temperature
Coefficient
∆VDET/∆TRL = 200Ω
-
±0.01
-
%/
°C
Circuit Current(At On Time)
ICCL
VCC = VDET(MIN) -0.05V
-
300
500
uA
Circuit Current(At Off Time)
ICCH
VCC = 5.25V
-
30
50
uA
Threshold Operating Voltage
VTH(OPR)
RL = 200
Ω, VOL ≤ 0.4V
-
0.8
1.0
V
" L"± Transmission Delay Time
TOL
RL = 1.0k
Ω, CL= 100pF
0.6
10
-
us
" H"± Transmission Delay Time
TOH
RL = 1.0k
Ω, CL = 100pF
-
15
20
us
Output Current (At On Time)
IOLI
VCC = VDET(MIN) -0.05V,
TA = 25
°C
10
20
30
mA
Output Current (At On Time)
IOLII
VCC = VDET(MIN) - 0.05V
TA = -25 ~ +85
°C
816
30
mA
RL= 200
VOL
≤ 0.4V


同様の部品番号 - KA75290M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA75290M FAIRCHILD-KA75290M Datasheet
55Kb / 8P
   Voltage Detector
More results

同様の説明 - KA75290M

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com