データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA78M08R データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 KA78M08R
部品情報  3-terminal 0.5A positive voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M08R データシート(HTML) 1 Page - Fairchild Semiconductor

  KA78M08R Datasheet HTML 1Page - Fairchild Semiconductor KA78M08R Datasheet HTML 2Page - Fairchild Semiconductor KA78M08R Datasheet HTML 3Page - Fairchild Semiconductor KA78M08R Datasheet HTML 4Page - Fairchild Semiconductor KA78M08R Datasheet HTML 5Page - Fairchild Semiconductor KA78M08R Datasheet HTML 6Page - Fairchild Semiconductor KA78M08R Datasheet HTML 7Page - Fairchild Semiconductor KA78M08R Datasheet HTML 8Page - Fairchild Semiconductor KA78M08R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 5.0
Features
• Output Current up to 0.5A
• Output Voltages of 5, 6, 8, 10, 12, 15, 18, 20, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating area (SOA)Protection
Description
The KA78MXX series of three-terminal positive regulators
are available in the TO-220/D-PAK package with several
fixed output voltages making it useful in a wide range of
applications.
TO-220
D-PAK
1. Input 2. GND 3. Output
1
1
Internal Block Digram
KA78MXX
3-terminal 0.5A positive voltage regulator


同様の部品番号 - KA78M08R

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA78M08R FAIRCHILD-KA78M08R Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results

同様の説明 - KA78M08R

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com