データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM4100IT5TR3 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 KM4100IT5TR3
部品情報  Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4100IT5TR3 データシート(HTML) 3 Page - Fairchild Semiconductor

  KM4100IT5TR3 Datasheet HTML 1Page - Fairchild Semiconductor KM4100IT5TR3 Datasheet HTML 2Page - Fairchild Semiconductor KM4100IT5TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4100IT5TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4100IT5TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4100IT5TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4100IT5TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4100IT5TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4100IT5TR3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
KM4100/KM4101
DATA SHEET
REV. 1A February 2001
3
Parameters
Conditions
TYP
Min & Max
UNITS
NOTES
Case Temperature
+25°C
+25°C
Frequency Domain Response
-3dB bandwidth
G = +1, Vo = 0.05Vpp
260
MHz
1
G = +2, Vo = 0.2Vpp
90
MHz
full power bandwidth
G = +2, Vo = 2Vpp
40
MHz
gain bandwidth product
90
MHz
Time Domain Response
1
rise and fall time
0.2V step
3.6
ns
settling time to 0.1%
2V step
40
ns
overshoot
0.2V step,
7
%
slew rate
5V step
, G = -1
150
V/
µs
Distortion and Noise Response
2nd harmonic distortion
2Vpp, 5MHz
70
dBc
1
3rd harmonic distortion
2Vpp, 5MHz
78
dBc
1
THD
2Vpp, 5MHz
68
dB
1
input voltage noise
>1MHz
16
nV/
√Hz
input current noise
>1MHz
1.3
pA/
√Hz
DC Performance
input offset voltage
1.4
±8
mV
2
average drift
10
µV/°C
input bias current
3
±8
µA2
average drift
7
nA/°C
input offset current
0
±0.8
µA2
power supply rejection ratio
DC
57
52
dB
2
open loop gain
78
68
dB
2
quiescent current
4.2
5.2
mA
2
quiescent current (disabled)
127
170
µA
2
Input Characteristics
input resistance
4.3
M
input capacitance
1.5
pF
input common mode voltage range
-0.3 to 3.8
V
common mode rejection ratio
DC, Vcm = 0V to Vs - 1.5
87
72
dB
2
Disable Characteristics (KM4101)
turn on time
150
ns
turn off time
25
ns
off isolation
5MHz, RL = 100Ω
75
dB
Output Characteristics
output voltage swing
RL = 10kΩ to Vs/2
0.027 to 4.97
V
RL = 2kΩ to Vs/2
0.036 to 4.953
0.1 to 4.9
V
2
RL = 150Ω to Vs/2
0.12 to 4.8
0.3 to 4.625
V
2
linear output current
±60
mA
-40°C to +85°C
±55
mA
short circuit output current
±90
mA
power supply operating range
5
2.5 to 5.5
V
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels
are determined from tested parameters.
NOTES:
1) Rf = 1kΩ was used used for optimal performance. (For G = +1, Rf = 0)
2) 100% tested at +25°C.
KM4100/KM4101 Electrical Characteristics (Vs = +5V, G = 2, RL = 2kΩ to Vs/2; unless noted)


同様の部品番号 - KM4100IT5TR3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

同様の説明 - KM4100IT5TR3

メーカー部品番号データシート部品情報
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com