データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM4200IC8TR3 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 KM4200IC8TR3
部品情報  Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4200IC8TR3 データシート(HTML) 4 Page - Fairchild Semiconductor

  KM4200IC8TR3 Datasheet HTML 1Page - Fairchild Semiconductor KM4200IC8TR3 Datasheet HTML 2Page - Fairchild Semiconductor KM4200IC8TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4200IC8TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4200IC8TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4200IC8TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4200IC8TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4200IC8TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4200IC8TR3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
KM4200 Performance Characteristics (Vs = +5V, G = 2, Rf = 2kΩ, RL = 2kΩ to Vs/2; unless noted)
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.1
1
G = 10
Rf = 2kΩ
10
100
G = 5
Rf = 2kΩ
G = 1
Rf = 0
G = 2
Rf = 1kΩ
Inverting Frequency Response Vs = +5V
Frequency (MHz)
0.1
1
G = -10
Rf = 2kΩ
10
100
G = -5
Rf = 2kΩ
G = -2
Rf = 2kΩ
G = -1
Rf = 2kΩ
Non-Inverting Freq. Response Vs = +2.7
Frequency (MHz)
1
10
100
0.1
G = 10
Rf = 2kΩ
G = 5
Rf = 2kΩ
G = 1
Rf = 0
G = 2
Rf = 1kΩ
Inverting Frequency Response Vs = +2.7V
Frequency (MHz)
0.1
1
G = -10
Rf = 2kΩ
10
100
G = -5
Rf = 2kΩ
G = -2
Rf = 2kΩ
G = -1
Rf = 2kΩ
Frequency Response vs. CL
Frequency (MHz)
0.1
1
10
100
CL = 100pF
Rs = 25Ω
CL = 50pF
Rs = 33Ω
CL = 20pF
Rs = 20Ω
CL = 10pF
Rs = 0Ω
+
-
1k
1k
Rs
CL
RL
Large Signal Frequency Response
Frequency (MHz)
0.1
1
10
100
Vo = 1Vpp
Vo = 2Vpp
Frequency Response vs. Temperature
Frequency (MHz)
1
10
100
Input Voltage Noise
Frequency (Hz)
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
DATA SHEET
KM4200
4
REV. 1A February 2001


同様の部品番号 - KM4200IC8TR3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8 FAIRCHILD-KM4210IM8 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8TR3 FAIRCHILD-KM4210IM8TR3 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

同様の説明 - KM4200IC8TR3

メーカー部品番号データシート部品情報
logo
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
   Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com