データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM4101 データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 KM4101
部品情報  Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4101 データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button KM4101 Datasheet HTML 3Page - Fairchild Semiconductor KM4101 Datasheet HTML 4Page - Fairchild Semiconductor KM4101 Datasheet HTML 5Page - Fairchild Semiconductor KM4101 Datasheet HTML 6Page - Fairchild Semiconductor KM4101 Datasheet HTML 7Page - Fairchild Semiconductor KM4101 Datasheet HTML 8Page - Fairchild Semiconductor KM4101 Datasheet HTML 9Page - Fairchild Semiconductor KM4101 Datasheet HTML 10Page - Fairchild Semiconductor KM4101 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
REV. 1A February 2001
Figure 4: Overdrive Recovery
Driving Capacitive Loads
The Frequency Response vs. CL plot on page 4,
illustrates the response of the KM4100 and KM4101. A
small series resistance (Rs) at the output of the amplifier,
illustrated in Figure 5, will improve stability and
settling performance.
Rs values in the Frequency
Response vs. CL plot were chosen to achieve maximum
bandwidth with less than 1dB of peaking. For maximum
flatness, use a larger Rs.
Figure 5: Typical Topology for driving
a capacitive load
Layout Considerations
General layout and supply bypassing play major roles
in high frequency performance. Fairchild has evaluation
boards to use as a guide for high frequency layout
and to aid in device testing and characterization.
Follow the steps below as a basis for high frequency
layout:
s
Include 6.8
µF and 0.01µF ceramic capacitors
s
Place the 6.8
µF capacitor within 0.75 inches
of the power pin
s
Place the 0.01
µF capacitor within 0.1 inches
of the power pin
s
Remove the ground plane under and around the
part, especially near the input and output pins to
reduce parasitic capacitance
s
Minimize all trace lengths to reduce
series inductances
Refer to the evaluation board layouts shown in Figure
7 for more information.
Evaluation Board Information
The following evaluation boards are available to aid
in the testing and layout of this device:
Evaluation board schematics and layouts are shown in
Figure 6 and Figure 7.
The KEB002 and KEB003 evaluation boards are built
for dual supply operation. Follow these steps to use
the board in a single supply application:
1. Short -Vs to ground
2. Use C3 and C4, if the -Vs pin of the KM4100 or
KM4101 is not directly connected to the
ground plane.
Figure 6: Evaluation Board Schematic
(SOIC pinout shown)
Overdrive Recovery
Time (20ns/div)
Output
Input
RL = 2kΩ
Vin =2Vpp
G = 5
Rf = 1kΩ
+
-
Rf
Rg
Rs
CL
RL
Eval Board
Description
Products
KEB002
Single Channel,
KM4100IT5,
Dual Supply 5 & 6 lead SOT23 KM4101IT6
KEB003
Single Channel, Dual Supply
KM4100IC8,
8 lead SOIC
KM4101IC8
DATA SHEET
KM4100/KM4101


同様の部品番号 - KM4101

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5 FAIRCHILD-KM4110IT5 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4110IT5TR3 FAIRCHILD-KM4110IT5TR3 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
More results

同様の説明 - KM4101

メーカー部品番号データシート部品情報
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com