データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM7101 データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 KM7101
部品情報  Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM7101 データシート(HTML) 8 Page - Fairchild Semiconductor

  KM7101 Datasheet HTML 1Page - Fairchild Semiconductor KM7101 Datasheet HTML 2Page - Fairchild Semiconductor KM7101 Datasheet HTML 3Page - Fairchild Semiconductor KM7101 Datasheet HTML 4Page - Fairchild Semiconductor KM7101 Datasheet HTML 5Page - Fairchild Semiconductor KM7101 Datasheet HTML 6Page - Fairchild Semiconductor KM7101 Datasheet HTML 7Page - Fairchild Semiconductor KM7101 Datasheet HTML 8Page - Fairchild Semiconductor KM7101 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
KM7101 Evaluation Board Layout
Figure 6a: KEB008 (top side)
Figure 6b: KEB008 (bottom side)
KM7101 Package Dimensions
b
e
e1
D
CL
E
CL
CL
A
A2
A1
α
E1
C
2
CL
NOTE:
1. All dimensions are in millimeters.
2 Foot length measured reference to flat
foot surface parallel to DATUM ’A’ and lead surface.
3. Package outline exclusive of mold flash & metal burr.
4. Package outline inclusive of solder plating.
5. Comply to EIAJ SC74A.
6. Package ST 0003 REV A supercedes SOT-D-2005 REV C.
SYMBOL
MIN
MAX
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.25
0.50
C
0.09
0.20
D
2.80
3.10
E
2.60
3.00
E1
1.50
1.75
L
0.35
0.55
e
0.95 ref
e1
1.90 ref
α
010
SOT23-5
DATA SHEET
KM7101
8
REV. 1B March 2001


同様の部品番号 - KM7101

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
KM710N FRONTIER-KM710N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM710N FRONTIER-KM710N Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM710N-LFR FRONTIER-KM710N-LFR Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
More results

同様の説明 - KM7101

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com