データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM4212IM8TR3 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 KM4212IM8TR3
部品情報  Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4212IM8TR3 データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button KM4212IM8TR3 Datasheet HTML 2Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 9Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
REV. 1 August 2001
7
Layout Considerations
General layout and supply bypassing play major roles
in high frequency performance. Fairchild has evaluation
boards to use as a guide for high frequency layout
and to aid in device testing and characterization.
Follow the steps below as a basis for high frequency
layout:
I
Include 6.8
µF and 0.01µF ceramic capacitors
I
Place the 6.8
µF capacitor within 0.75 inches
of the power pin
I
Place the 0.01
µF capacitor within 0.1 inches
of the power pin
I
Remove the ground plane under and around the
part, especially near the input and output pins to
reduce parasitic capacitance
I
Minimize all trace lengths to reduce
series inductances
Refer to the evaluation board layouts shown in Figure
6 for more information.
When evaluating only one channel, complete the
following on the unused channel
1. Ground the non-inverting input
2. Short the output to the inverting input
Evaluation Board Information
The following evaluation boards are available to aid
in the testing and layout of this device:
Evaluation board schematics and layouts are shown in
Figure 5 and Figure 6.
The KEB002 evaluation board is built for dual supply
operation. Follow these steps to use the board in a
single supply application:
1. Short -Vs to ground
2. Use C3 and C4, if the -Vs pin of the KM4212 is not
directly connected to the ground plane.
Figure 5: Evaluation Board Schematic
KM4212
DATA SHEET
Eval Board
Description
Products
KEB006
Dual Channel,
KM4212IC8
Dual Supply 8 lead SOIC
KEB010
Dual Channel,
KM4212IM8
Dual Supply 8 lead MSOP


同様の部品番号 - KM4212IM8TR3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8 FAIRCHILD-KM4210IM8 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8TR3 FAIRCHILD-KM4210IM8TR3 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

同様の説明 - KM4212IM8TR3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com