データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4740A データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 1N4740A
部品情報  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4740A データシート(HTML) 1 Page - Fairchild Semiconductor

  1N4740A Datasheet HTML 1Page - Fairchild Semiconductor 1N4740A Datasheet HTML 2Page - Fairchild Semiconductor 1N4740A Datasheet HTML 3Page - Fairchild Semiconductor 1N4740A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4728A - 1N4758A Rev. H3
1
April 2009
1N4728A - 1N4758A
Zener Diodes
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Electrical Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
@ TL  50C, Lead Length = 3/8”
1.0
W
Derate above 50C
6.67
mW/C
TJ, TSTG
Operating and Storage Temperature Range
-65 to +200
C
Device
VZ (V) @ IZ (Note 1)
Test Current
IZ (mA)
Max. Zener Impedance
Leakage
Current
Non-Repetitive
Peak Reverse
Current
IZSM (mA) (Note 2)
Min.
Typ.
Max.
ZZ @ IZ
()
ZZK @
IZK ()
IZK
(mA)
IR
(A)
VR
(V)
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
3.135
3.42
3.705
4.085
4.465
3.3
3.6
3.9
4.3
4.7
3.465
3.78
4.095
4.515
4.935
76
69
64
58
53
10
10
9
9
8
400
400
400
400
500
1
1
1
1
1
100
100
50
10
10
1
1
1
1
1
1380
1260
1190
1070
970
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
4.845
5.32
5.89
6.46
7.125
5.1
5.6
6.2
6.8
7.5
5.355
5.88
6.51
7.14
7.875
49
45
41
37
34
7
5
2
3.5
4
550
600
700
700
700
1
1
1
1
0.5
10
10
10
10
10
1
2
3
4
5
890
810
730
660
605
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
7.79
8.645
9.5
10.45
11.4
8.2
9.1
10
11
12
8.61
9.555
10.5
11.55
12.6
31
28
25
23
21
4.5
5
7
8
9
700
700
700
700
700
0.5
0.5
0.25
0.25
0.25
10
10
10
5
5
6
7
7.6
8.4
9.1
550
500
454
414
380
DO-41 Glass case
COLOR BAND DENOTES CATHODE
Tolerance = 5%


同様の部品番号 - 1N4740A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N4740A PHILIPS-1N4740A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Fairchild Semiconductor
1N4740A FAIRCHILD-1N4740A Datasheet
666Kb / 5P
   Zener Diodes
logo
SeCoS Halbleitertechnol...
1N4740A SECOS-1N4740A Datasheet
149Kb / 2P
   ZENER DIODES
logo
Microsemi Corporation
1N4740A MICROSEMI-1N4740A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Weitron Technology
1N4740A WEITRON-1N4740A Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
More results

同様の説明 - 1N4740A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com