データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM802149UMGR データシート(PDF) 6 Page - Micrel Semiconductor

部品番号 SM802149UMGR
部品情報  156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802149UMGR データシート(HTML) 6 Page - Micrel Semiconductor

Back Button SM802149UMGR Datasheet HTML 2Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 3Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 4Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 5Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 6Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 7Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 8Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 9Page - Micrel Semiconductor SM802149UMGR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SM802149
March 1, 2013
6
Revision 1.1
hbwhelp@micrel.com or (408) 955-1690
Crystal Characteristics
Parameter
Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
10pF load
Fundamental, Parallel Resonant
Frequency
26.04166
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitor, C0
1
5
pF
Correlation Drive Level
10
100
µW
LVDS OUTPUT DC Electrical Characteristics
(5)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%, VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V ±5%, TA = −40°C to +85°C.
RL = 100
Ω across Q and /Q.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOD
Differential Output Voltage
Figure 1, Figure 4
275
350
475
mV
ΔVOD
VOD Magnitude Change
40
mV
VOS
Offset Voltage
1.15
1.25
1.50
V
ΔVOS
VOS Magnitude Change
50
mV
AC Electrical Characteristics
(5, 6)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%, VDD = 3.3V ±5%, VDDOX1/2= 3.3V ±5% or 2.5V ±5%, TA = −40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FOUT
Output Frequency 1
FSEL = 1, Q1
−Q4
312.5
MHz
Output Frequency 2
FSEL = 1, Q5–Q8
156.25
MHz
FOUT
Output Frequency 1
FSEL = 0, Q1–Q4
156.25
MHz
Output Frequency 2
FSEL = 0, Q5–Q8
78.125
MHz
TR/TF
Output Rise/Fall Time
20%–80%, Figure 2, Figure 4
100
220
400
ps
TSKEW
Output-to-Output Skew
Within bank. Note 7
45
ps
ODC
Output Duty Cycle
LVDS outputs
48
50
52
%
TLOCK
PLL Lock Time
20
ms
RMS Phase Jitter
(8)
(Output = 156.25MHz)
Integration range: 12kHz–20MHz
260
fs
Integration range: 1.875MHZ–20MHz
105
fs
RMS Phase Jitter
(8)
(Output = 312.5MHz)
Integration range: 12kHz–20MHz
250
fs
Integration range: 1.875MHz–20MHz
99
fs
Notes:
6.
All phase noise measurements were taken with an Agilent 5052B phase noise system.
7.
Defined as skew between outputs at the same supply voltage and with equal load conditions; Measured at the output differential crossing points.
8.
Measured using a 26.04166 MHz crystal as the input reference source. If using an external reference input, use a low phase noise source. With an
external reference, the phase noise will follow the input source phase noise up to about 1MHz.


同様の部品番号 - SM802149UMGR

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SM802141 MICREL-SM802141 Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
SM802141UMG MICREL-SM802141UMG Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
SM802141UMGTR MICREL-SM802141UMGTR Datasheet
395Kb / 13P
   Ultra-Low Jitter, LVPECL Frequency
More results

同様の説明 - SM802149UMGR

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
841S104I-02 RENESAS-841S104I-02 Datasheet
514Kb / 21P
   Crystal-to-HCSL 156.25MHz or 155.52MHz Clock Synthesizer
8/14/15
logo
Micrel Semiconductor
SM802128 MICREL-SM802128 Datasheet
267Kb / 12P
   ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
logo
Microchip Technology
MX553BBB156M250 MICROCHIP-MX553BBB156M250 Datasheet
1Mb / 4P
   Ultra-Low Jitter 156.25MHz LVDS XO
December 05, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Pericom Semiconductor C...
PRETHE156 PERICOM-PRETHE156 Datasheet
899Kb / 2P
   3.3V PECL 156.25MHz Ethernet VCXO
logo
Micrel Semiconductor
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
logo
Fox Electronics
FXO-LC735RGB-156 FOX-FXO-LC735RGB-156 Datasheet
199Kb / 2P
   LVDS 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com