データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU15SD2MG-MTR データシート(PDF) 1 Page - Rohm

部品番号 BU15SD2MG-MTR
部品情報  1ch 200mA CMOS LDO Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU15SD2MG-MTR データシート(HTML) 1 Page - Rohm

  BU15SD2MG-MTR Datasheet HTML 1Page - Rohm BU15SD2MG-MTR Datasheet HTML 2Page - Rohm BU15SD2MG-MTR Datasheet HTML 3Page - Rohm BU15SD2MG-MTR Datasheet HTML 4Page - Rohm BU15SD2MG-MTR Datasheet HTML 5Page - Rohm BU15SD2MG-MTR Datasheet HTML 6Page - Rohm BU15SD2MG-MTR Datasheet HTML 7Page - Rohm BU15SD2MG-MTR Datasheet HTML 8Page - Rohm BU15SD2MG-MTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/28
TSZ02201-0RBR0A300020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.03.19 Rev.002
TSZ22111・14・001
www.rohm.com
Datasheet
CMOS LDO Regulators for Automotive Equipments
1ch 200mA
CMOS LDO Regulators
BUxxSD2-M series
●General Description
BUxxSD2-M series are high-performance CMOS LDO
regulators with output current ability of up to 200-mA.
These devices have excellent noise and load response
characteristics
despite
of
its
low
circuit
current
consumption of 33µA. They are most appropriate for
various applications such as power supplies for logic IC,
RF, and camera modules.
●Features
High Output Voltage Accuracy:
±2.0%
(In all recommended conditions)
High Ripple Rejection: 68 dB (Typ, 1 kHz,)
Compatible with small ceramic capacitor
(Cin=Cout=0.47 µF)
Low Current Consumption: 33 µA
Output Voltage ON/OFF control
Built-in Over Current Protection Circuit (OCP)
Built-in Thermal Shutdown Circuit (TSD)
Package SSOP5 is similar to SOT23-5(JEDEC)
●Applications
Automotive equipments.
Portable devices
Camera modules
Other electronic devices using microcontrollers or
logic circuits
AEC-Q100 qualified
●Key Specifications
Input Power Supply Voltage Range:
1.7V to 6.0V
Output Current Range:
0 to 200mA
Operating Temperature Range:
-40℃ to +105℃
Output Voltage Lineup:
1.2V,1.5V,1.8V,2.5V
2.8V,3.0V,3.3V
Output Voltage Accuracy:
±2.0%
Circuit Current:
33µA(Typ.)
Standby Current:
0
μA (Typ.)
●Package
W(Typ.) x D(Typ.) x H(Max.)
SSOP5
2.90mm x 2.80mm x 1.25mm
●Typical Application Circuit
Figure 1. Typical Application Circuit
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
Vin
Cin
Cout
Vout
VIN
VOUT
STBY
GND
On
Off
BUxxSD2MG-M
BUxxSD2-M


同様の部品番号 - BU15SD2MG-MTR

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
BU15-1430R7BL COILCRAFT-BU15-1430R7BL Datasheet
265Kb / 6P
   Common Mode Chokes
BU15-2721R6BL COILCRAFT-BU15-2721R6BL Datasheet
265Kb / 6P
   Common Mode Chokes
BU15-4421R3BL COILCRAFT-BU15-4421R3BL Datasheet
265Kb / 6P
   Common Mode Chokes
BU15-4530R4BL COILCRAFT-BU15-4530R4BL Datasheet
265Kb / 6P
   Common Mode Chokes
BU15-7521R0BL COILCRAFT-BU15-7521R0BL Datasheet
265Kb / 6P
   Common Mode Chokes
More results

同様の説明 - BU15SD2MG-MTR

メーカー部品番号データシート部品情報
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com